Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7380
Description  Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 5 Page - Analog Devices

  AD7380 Datasheet HTML 1Page - Analog Devices AD7380 Datasheet HTML 2Page - Analog Devices AD7380 Datasheet HTML 3Page - Analog Devices AD7380 Datasheet HTML 4Page - Analog Devices AD7380 Datasheet HTML 5Page - Analog Devices AD7380 Datasheet HTML 6Page - Analog Devices AD7380 Datasheet HTML 7Page - Analog Devices AD7380 Datasheet HTML 8Page - Analog Devices AD7380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Data Sheet
AD7380/AD7381
Rev. 0 | Page 5 of 31
Table 3. All Devices
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ANALOG INPUT
Voltage Range
(AINx+) – (AINx−)
−VREF
+VREF
V
Absolute Input Voltage
AINx+, AINx−
−0.1
VREF + 0.1
V
Common-Mode Input Range
AINx+, AINx−
0.2 to VREF −
0.2
V
Analog Input Common-Mode Rejection
Ratio (CMRR)
fIN = 500 kHz
−75
dB
DC Leakage Current
0.1
1
µA
Input Capacitance
When in track mode
18
pF
When in hold mode
5
pF
SAMPLING DYNAMICS
Input Bandwidth
At −0.1 dB
6
MHz
At −3 dB
25
MHz
Aperture Delay
2
ns
Aperture Delay Match
16
30
ps
Aperture Jitter
20
ps
REFERENCE INPUT AND OUTPUT
VREF Input Voltage Range
External reference
2.49
3.4
V
VREF Input Current
External reference
0.47
0.51
mA
VREF Output Voltage
At 25°C
2.498
2.5
2.502
V
−40°C to +125°C
2.495
2.505
V
VREF Temperature Coefficient
1
10
ppm/°C
VREF Line Regulation
−38
ppm/V
VREF Load Regulation
−106
ppm/mA
VREF Noise
7
µA rms
VREF Noise Density
14
nV/√Hz
DIGITAL INPUTS (SCLK, SDI, CS)
Logic Levels
Input Low Voltage (VIL)
0.2 × VLOGIC
V
Input High Voltage (VIH)
0.8 × VLOGIC
V
Input Low Current (IIL)
−1
+1
µA
Input High Current (IIH)
−1
+1
µA
DIGITAL OUTPUTS (SDOA, SDOB/ALERT)
Output Coding
Twos complement
Bits
Output Low Voltage (VOL)
Sink current (ISINK) = +300 µA
0.4
V
Output High Voltage (VOH)
Source current (ISOURCE) =
−300 µA
VLOGIC − 0.3
V
Floating-State Leakage Current
±1
µA
Floating-State Output Capacitance
10
pF
POWER SUPPLIES
VCC
3.0
3.3
3.6
V
External reference = 3.3 V
3.2
3.3
3.6
V
VLOGIC
1.65
3.6
V
IVCC
Normal Mode (Static)
2.3
2.8
mA
Shutdown Mode
100
200
µA
VLOGIC Current (IVLOGIC)
SDOA and SDOB at 0x1FFF
Normal Mode (Static)
10
200
nA
Normal Mode (Operational)
3.5
3.7
mA
Shutdown Mode
10
200
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com