Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7380
Description  Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7380 Datasheet HTML 5Page - Analog Devices AD7380 Datasheet HTML 6Page - Analog Devices AD7380 Datasheet HTML 7Page - Analog Devices AD7380 Datasheet HTML 8Page - Analog Devices AD7380 Datasheet HTML 9Page - Analog Devices AD7380 Datasheet HTML 10Page - Analog Devices AD7380 Datasheet HTML 11Page - Analog Devices AD7380 Datasheet HTML 12Page - Analog Devices AD7380 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Data Sheet
AD7380/AD7381
Rev. 0 | Page 9 of 31
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
9
2
NOTES:
1. EXPOSED PAD. FOR CORRECT OPERATION OF THE DEVICE,
THE EXPOSED PAD MUST BE CONNECTED TO GROUND.
GND
VLOGIC
REGCAP
VCC
CS
REFIO
GND
REFCAP
AD7380/AD7381
TOP VIEW
(Not to Scale)
Figure 8. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 10
GND
Ground Reference Point. This pin is the ground reference point for all circuitry on the device.
2
VLOGIC
Logic Interface Supply Voltage, 1.65 V to 3.6 V. Decouple this pin to GND with a 1 µF capacitor.
3
REGCAP
Decoupling Capacitor Pin for Voltage Output from Internal Regulator. Decouple this pin to GND with a 1 µF
capacitor. The voltage at this pin is 1.9 V typical.
4
VCC
Power Supply Input Voltage, 3.0 V to 3.6 V. Decouple this pin to GND using a 1 µF capacitor.
5, 6
AINB−, AINB+
Analog Inputs of ADC B. These analog inputs form a differential pair.
7, 8
AINA−, AINA+
Analog Inputs of ADC A. These analog inputs form a differential pair.
9
REFCAP
Decoupling Capacitor Pin for Band Gap Reference. Decouple this pin to GND with a 1 µF capacitor. The
voltage at this pin is 2.5 V typical.
11
REFIO
Reference Input and Output. The on-chip reference of 2.5 V is available as an output on this pin for
external use if the device is configured accordingly. Alternatively, an external reference of 2.5 V to 3.3 V
can be input to this pin. Decoupling is required on this pin for both the internal and external reference
options. A 1 µF capacitor must be applied from this pin to GND.
12
CS
Chip Select Input. Active low, logic input. This input provides the dual function of initiating conversions on
the AD7380 and the AD7381 and framing the serial data transfer.
13
SDOA
Serial Data Output A. This pin functions as a serial data output pin to access the ADC A or ADC B
conversion results or data from any of the on-chip registers.
14
SDOB/ALERT
Serial Data Output B/Alert Indication Output. This pin can operate as a serial data output pin or alert
indication output.
SDOB. This pin functions as a serial data output pin to access the ADC B conversion results.
ALERT. This pin operates as an alert pin going low to indicate that a conversion result has exceeded a
configured threshold.
15
SDI
Serial Data Input. This input provides the data written to the on-chip control registers.
16
SCLK
Serial Clock Input. This serial clock input is for data transfers to and from the ADC.
EPAD
Exposed Pad. For correct operation of the device, the exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com