Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7380
Description  Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices AD7380 Datasheet HTML 29Page - Analog Devices AD7380 Datasheet HTML 30Page - Analog Devices AD7380 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
AD7380/AD7381
Data Sheet
Rev. 0 | Page 30 of 31
Bits
Bit Name
Description
Reset
Access
1
AL_A_HIGH
Alert A High. The alert indication high bits indicate if a conversion result for the respective
input channel exceeds the value set in the ALERT_HIGH_THRESHOLD register. This fault bit is
sticky and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
0
AL_A_LOW
Alert A Low. The alert indication low bits indicate if a conversion result for the respective input
channel exceeds the value set in the ALERT_LOW_THRESHOLD register. This fault bit is sticky
and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
ALERT_LOW_THRESHOLD REGISTER
Address: 0x4, Reset: 0x0800, Name: ALERT_LOW_THRESHOLD
Table 19. Bit Descriptions for ALERT_LOW_THRESHOLD
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
R/W
[11:0]
ALERT_LOW
Alert Low. The D[11:0] bits from ALERT_LOW move to the MSBs of the internal ALERT_LOW
register, D[15:4]. The remaining bits, D[3:0] of the internal register are fixed at 0x0. Sets alert
when the converter result is below ALERT_LOW_THRESHOLD and alert disabled when it is
above ALERT_LOW_THRESHOLD.
0x800
R/W
ALERT_HIGH_THRESHOLD REGISTER
Address: 0x5, Reset: 0x07FF, Name: ALERT_HIGH_THRESHOLD
Table 20. Bit Descriptions for ALERT_HIGH_THRESHOLD
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
R/W
[11:0]
ALERT_HIGH
Alert High. The D[11:0] bits from ALERT_HIGH move to the MSBs of the internal ALERT_HIGH
register, D[15:4]. The remaining bits, D[3:0], of the internal register (ALERT_HIGH_INT) are fixed
at 0xF. Sets alert when the converter result is above the ALERT_HIGH_THRESHOLD register
and alert disabled when the converter result is below the ALERT_HIGH_THRESHOLD register.
0x7FF
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com