Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7380
Description  Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
AD7380/AD7381
Data Sheet
Rev. 0 | Page 20 of 31
POWER MODES
The AD7380/AD7381 have two power modes, normal mode
and shutdown mode. These modes of operation provide flexible
power management options, allowing optimization of the
power dissipation and throughput rate ratio for different
application requirements.
Program the PMODE bit in the CONFIGURATION1 register to
configure the power modes in the AD7380/AD7381. Set PMODE
to Logic 0 for normal mode and Logic 1 for shutdown mode.
Normal Mode
Keep the AD7380/AD7381 in normal mode to achieve the
fastest throughput rate. All blocks within the AD7380/AD7381
remain fully powered at all times, and an ADC conversion can
be initiated by a falling edge of CS, when required. When the
AD7380/AD7381 are not converting, the devices are in static
mode, and power consumption is automatically reduced.
Additional current is required to perform a conversion,
therefore, power consumption on the AD7380/AD7381 scales
with throughput.
Shutdown Mode
When slower throughput rates and lower power consumption
are required, use shutdown mode by either powering down the
ADC between each conversion or by performing a series of
conversions at a high throughput rate and then powering down
the ADC for a relatively long duration between these burst
conversions. When the AD7380/AD7381 are in shutdown
mode, all analog circuitry powers down, including the internal
reference, if enabled. The serial interface remains active during
shutdown mode to allow the AD7380/AD7381 to exit shutdown
mode.
To enter shutdown mode, write to the PMODE bit in
theCONFIGURATION1 register. The AD7380/AD7381 shuts
down and current consumption reduces.
To exit shutdown mode and return to normal mode, set the
PMODE bit in the CONFIGURATION1 register to Logic 0. All
register configuration settings remain unchanged entering or
leaving shutdown mode. After exiting shutdown mode,
sufficient time must be allowed for the circuitry to turn on
before starting a conversion. If the internal reference is enabled,
the reference must be allowed to settle for accurate conversions to
happen.
INTERNAL AND EXTERNAL REFERENCE
The AD7380/AD7381 have a 2.5 V internal reference.
Alternatively, if a more accurate reference or higher dynamic
range is required, an external reference can be supplied. An
externally supplied reference can be in the range of 2.5 V to 3.3 V.
Reference selection, internal/external, is configured by the
REFSEL bit in the CONFIGURATION1 register. If REFSEL is
set to 0, the internal reference buffer is enabled. If an external
reference is preferred, the REFSEL bit must be set to 1, and an
external reference must be supplied to the REFIO pin.
SOFTWARE RESET
The AD7380/AD7381 have two reset modes, a soft reset and a
hard reset. A reset is initiated by writing to the RESET[7:0] bits
in the CONFIGURATION2 register.
A soft reset maintains the contents of the configurable registers
but refreshes the interface and the ADC blocks. Any internal
state machines are reinitialized, and the oversampling block and
FIFO are flushed. The ALERT register is cleared. The reference
and LDO remain powered.
A hard reset, in addition to the blocks reset by a soft reset, resets
all user registers to the default status, resets the reference buffer,
and resets the internal oscillator block.
DIAGNOSTIC SELF-TEST
The AD7380/AD7381 run a diagnostic self test after a power-on
reset (POR) or after a software hard reset to ensure correct
configuration is loaded into the device.
The result of the self test is displayed in the SETUP_F bit in the
ALERT register. If the SETUP_F bit is set to Logic 1, the
diagnostic self test has failed. If the test fails, perform a software
hard reset to reset the AD7380/AD7381 registers to the default
status.
CS
tSTARTUP
POWER-DOWN
MODE
NORMAL
MODE
ACCURATE
CONVERSION
SDI
SHUTDOWN
NORMAL
Figure 35. Shutdown Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com