Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7380
Description  Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 3 Page - Analog Devices

  AD7380 Datasheet HTML 1Page - Analog Devices AD7380 Datasheet HTML 2Page - Analog Devices AD7380 Datasheet HTML 3Page - Analog Devices AD7380 Datasheet HTML 4Page - Analog Devices AD7380 Datasheet HTML 5Page - Analog Devices AD7380 Datasheet HTML 6Page - Analog Devices AD7380 Datasheet HTML 7Page - Analog Devices AD7380 Datasheet HTML 8Page - Analog Devices AD7380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Data Sheet
AD7380/AD7381
Rev. 0 | Page 3 of 31
SPECIFICATIONS
VCC = 3.0 V to 3.6 V, VLOGIC = 1.65 V to 3.6 V, reference voltage (VREF) = 2.5 V internal, sampling frequency (fSAMPLE) = 4 MSPS, and
TA = −40°C to +125°C, no oversampling enabled, unless otherwise noted.
Table 1. AD7380
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
THROUGHPUT
Conversion Rate
4
MSPS
DC ACCURACY
No Missing Codes
16
Bits
Differential Nonlinearity Error
−1.0
±0.7
+1.0
LSB
Integral Nonlinearity Error
−2.0
±0.75
+2.0
LSB
Gain Error
−0.015
±0.002
+0.015
% FS1
Gain Error Temperature Drift
−11
±1
+11
ppm/°C
Gain Error Match
−0.01
±0.002
+0.01
% FS
Offset Error
At 25°C, VCC = 3.3 V
−0.2
±0.01
+0.2
mV
−0.5
+0.5
mV
Offset Temperature Drift
−2
±0.5
+2
µV/°C
Offset Error Match
−0.5
±0.1
+0.5
mV
AC ACCURACY
Input frequency (fIN) = 1 kHz
Dynamic Range
VREF = 3.3 V external
93.3
dB
91.8
dB
Oversampled Dynamic Range
OSR = 4
95.2
dB
Signal-to-Noise Ratio (SNR)
VREF = 3.3 V external
90
92.5
dB
88.5
91.1
dB
OSR = 8, RES = 1
98
dB
OSR = 16, RES = 1
101
dB
fIN = 100 kHz
89
dB
Spurious-Free Dynamic Range (SFDR)
−110
dB
Total Harmonic Distortion (THD)
−113
dB
fIN = 100 kHz
−104
dB
Signal-to-(Noise + Distortion) (SINAD)
VREF = 3.3 V external
89.5
92.3
dB
88
91
dB
Channel to Channel Isolation
−110
dB
POWER SUPPLIES
VCC Current (IVCC)
Normal Mode (Operational)
21.5
26
mA
Power Dissipation
Total Power (PTOTAL)
83
107
mW
VCC Power (PVCC)
Normal Mode (Operational)
71
94
mW
1
These specifications include full temperature range variation, but they do not include the error contribution from the external reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com