Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7380
Description  Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7380 Datasheet HTML 14Page - Analog Devices AD7380 Datasheet HTML 15Page - Analog Devices AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
AD7380/AD7381
Data Sheet
Rev. 0 | Page 18 of 31
Rolling Average Oversampling
Rolling oversampling mode can be used in applications where
higher output data rates are required and where higher SNR or
dynamic range is desirable. Rolling averaging involves taking a
number of samples, adding the samples together, and dividing
the result by the number of samples taken. This result is then
output from the device. The sample data is not cleared after the
process is completed. The rolling oversampling mode uses a
first in, first out (FIFO) buffer of the most recent samples in the
averaging calculation, allowing the ADC throughput rate and
output data rate to stay the same.
Rolling oversampling mode is configured by setting the
OS_MODE bit to Logic 1 and having a valid nonzero value in
the OSR[2:0] bits. The oversampling ratio of the digital filter is
controlled using the oversampling bits, OSR[2:0] (see Table 10).
The output result is decimated to 16-bit resolution for the AD7380
and a 14-bit result for the AD7381. If additional resolution is
required, this resolution can be achieved by configuring the
resolution boost bit in the CONFIGURATION1 register. See the
Resolution Boost section for further details.
In rolling average oversampling mode, all ADC conversions are
controlled and initiated by the falling edge of CS. After a
conversion is complete, the result is loaded into the FIFO. The
FIFO length is 8, regardless of the oversampling ratio set. The
FIFO is filled on the first conversion after a power-on reset, the
first conversion after a software controlled hard or soft reset, or
the first conversion after the REFSEL bit is toggled. A new
conversion result is shifted into the FIFO on completion of
every ADC conversion, regardless of the status of the OSR[2:0] bits
and the OS_MODE bit. This conversion allows a seamless
transition from no oversampling to rolling average
oversampling, or different rolling average oversampling ratios
without waiting for the FIFO to fill.
The number of samples, n, defined by the OSR[2:0] bits are
taken from the FIFO, added together, and the result is divided
by n. The time between CS falling edges is the cycle time which
can be controlled by the user, depending on the desired data
output rate.
Table 10. AD7380/AD7381 Rolling Averaging Oversampling Performance Overview
Oversampling
Ratio
AD7380
AD7381
SNR (dB typical)
Output Data Rate (kSPS
maximum)
SNR (dB typical)
Output Data Rate (kSPS
maximum)
VREF = 2.5 V
VREF = 3.3 V
RES = 0
RES = 1
RES = 0
RES = 1
RES = 0
RES = 1
Disabled
91
91
92.5
92.5
4000
85
85
4000
2
92
93
93.2
94.5
4000
84.5
87.7
4000
4
94
96
94.8
97.2
4000
85
91
4000
8
95.5
98.6
95.9
99.6
4000
85.5
93
4000
CS
INTERNAL
VDD
SDI
SDOA
SDOB
S1
ACQ
S2
ACQ
ENABLE OS = 2
ENABLE OS = 4
S1
DON’T CARE
S2
S3
ACQ
S4
ACQ
S5
ACQ
S6
ACQ
S7
ACQ
...
S1
FIFO
1
2
3
4
5
6
7
8
–
–
–
–
–
–
–
S2
FIFO
1
2
3
4
5
6
7
8
S1
–
–
–
–
–
–
S3
FIFO
1
2
3
4
5
6
7
8
S2
S1
–
–
–
–
–
S4
FIFO
1
2
3
4
5
6
7
8
S3
S2
S1
–
–
–
–
S5
FIFO
1
2
3
4
5
6
7
8
S4
S3
S2
S1
–
–
–
S6
FIFO
1
2
3
4
5
6
7
8
S5
S4
S3
S2
S1
–
–
S7
FIFO
1
2
3
4
5
6
7
8
S6
S5
S4
S3
S2
S1
–
(FIFO1 + FIFO2 +
FIFO3 + FIFO4)/4
(FIFO1 +
FIFO2)/2
(FIFO1 +
FIFO2)/2
(FIFO1 +
FIFO2)/2
Figure 33. Rolling Average Oversampling Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com