Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7380
Description  Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7380 Datasheet HTML 2Page - Analog Devices AD7380 Datasheet HTML 3Page - Analog Devices AD7380 Datasheet HTML 4Page - Analog Devices AD7380 Datasheet HTML 5Page - Analog Devices AD7380 Datasheet HTML 6Page - Analog Devices AD7380 Datasheet HTML 7Page - Analog Devices AD7380 Datasheet HTML 8Page - Analog Devices AD7380 Datasheet HTML 9Page - Analog Devices AD7380 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
AD7380/AD7381
Data Sheet
Rev. 0 | Page 6 of 31
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Power Dissipation
PVCC
Normal Mode (Static)
7.6
10
mW
Shutdown Mode
330
720
µW
PVLOGIC
SDOA and SDOB at 0x1FFF
Normal Mode (Static)
33
720
nW
Normal Mode (Operational)
11.5
13.3
mW
Shutdown Mode
33
720
nW
TIMING SPECIFICATIONS
VCC = 3.0 V to 3.6 V, VLOGIC = 1.65 V to 3.6 V, VREF = 2.5 V internal, and TA = −40°C to +125°C, unless otherwise noted.
Table 4.1, 2
Parameter
Min
Typ
Max
Unit
Description
tCYC
250
ns
Time between conversions
tSCLKED
0.4
ns
CS falling edge to first SCLK falling edge
tSCLK
12.5
ns
SCLK period
tSCLKH
5
ns
SCLK high time
tSCLKL
5
ns
SCLK low time
tCSH
10
ns
CS pulse width
tQUIET
10
ns
Interface quiet time prior to conversion
tSDOEN
CS low to SDOx enabled
5.5
ns
VLOGIC ≥ 2.25 V
8
ns
1.65 V ≤ VLOGIC < 2.25 V
tSDOH
2
ns
SCLK rising edge to SDO hold time
tSDOS
SCLK rising edge to SDO setup time
5.5
ns
VLOGIC ≥ 2.25 V
8
ns
1.65 V ≤ VLOGIC < 2.25 V
tSDOT
45
ns
CS rising edge to SDO high impedance
tSDIS
1
ns
SDI setup time prior to SCLK falling edge
tSDIH
1
ns
SDI hold time after SCLK falling edge
tSCLKCS
0
ns
SCLK rising edge to CS rising edge
tCONVERT
190
ns
Conversion time
tACQUIRE
110
ns
Acquire time
tPOWERUP
Supply active to conversion
5
ms
First conversion allowed
11
ms
Settled to within 1% with internal reference
5
ms
Settled to within 1% with external reference
tREGWRITE
5
ms
Supply active to register read write access allowed
tSTARTUP
Exiting power-down mode to conversion
11
ms
Settled to within 1% with internal reference
10
µs
Settled to within 1% with external reference
tCONVERT02
4
7
10
ns
Conversion start time for first sample in oversampling (OS) normal mode
tCONVERTx
Conversion start time for xth sample in OS normal mode
(
)
(
)
CONVERT0
t
320
x 1
+
×
−
ns
For AD7380 at 3 MSPS
(
)
(
)
CONVERT0
t
250
x 1
+
×
−
ns
For AD7381 at 4 MSPS
tALERTS
200
ns
Time from CS to ALERT indication (see Figure 34)
tALERTC
12
ns
Time from CS to ALERT clear (see Figure 34)
tALERTS_NOS
12
ns
Time from internal conversion with exceeded threshold to ALERT indication (see Figure 34)
1
All specifications are 10 pF load.
2
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com