Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7380
Description  Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices AD7380 Datasheet HTML 29Page - Analog Devices AD7380 Datasheet HTML 30Page - Analog Devices AD7380 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Data Sheet
AD7380/AD7381
Rev. 0 | Page 29 of 31
CONFIGURATION2 REGISTER
Address: 0x2, Reset: 0x0000, Name: CONFIGURATION2
Table 17. Bit Descriptions for CONFIGURATION2
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
R/W
[11:9]
RESERVED
Reserved.
0x0
R
8
SDO
SDO. Conversion results serial data output.
0x0
R/W
0: two wire, conversion data are output on both SDOA and SDOB.
1: one wire, conversion data are output on SDOA only.
[7:0]
RESET
Reset.
0x0
R/W
Set to 0x3C to perform a soft reset, which refreshes some blocks, and register contents remain
unchanged. Clears ALERT register and flushes any oversampling stored variables or active
state machine.
Set to 0xFF to perform a hard reset, which resets all possible blocks in the device. Register
contents are set to defaults. All other values are ignored.
ALERT REGISTER
Address: 0x3, Reset: 0x0000, Name: ALERT
Table 18. Bit Descriptions for ALERT
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
R
[11:10]
RESERVED
Reserved.
0x0
R
9
CRCW_F
CRC Error. Indicates that a register write command failed due to a CRC error. This fault bit is
sticky and remains set until the register is read.
0x0
R
0: no CRC error.
1: CRC error.
8
SETUP_F
Load Error. The SETUP_F indicates that the device configuration data did not load correctly on
startup. This bit does not clear on an ALERT register read. A hard reset via the
CONFIGURATION2 register is required to clear this bit and restart the device setup again.
0x0
R
0: no setup error.
1: setup error.
[7:6]
RESERVED
Reserved.
0x0
R
5
AL_B_HIGH
Alert B High. The alert indication high bits indicate if a conversion result for the respective
input channel exceeds the value set in the ALERT_HIGH_THRESHOLD register. This fault bit is
sticky and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
4
AL_B_LOW
Alert B Low. The alert indication low bits indicate if a conversion result for the respective input
channel exceeds the value set in the ALERT_LOW_THRESHOLD register. This fault bit is sticky
and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
[3:2]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com