Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7380
Description  Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7380 Datasheet HTML 13Page - Analog Devices AD7380 Datasheet HTML 14Page - Analog Devices AD7380 Datasheet HTML 15Page - Analog Devices AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Data Sheet
AD7380/AD7381
Rev. 0 | Page 17 of 31
MODES OF OPERATION
The AD7380/AD7381 have several on-chip configuration
registers for controlling the operational mode of the device.
OVERSAMPLING
Oversampling is a common method used in analog electronics
to improve the accuracy of the ADC result. Multiple samples of
the analog input are captured and averaged to reduce the noise
component from quantization noise and thermal noise (kTC) of
the ADC. The AD7380/AD7381 offer an oversampling function
on-chip and have two user configurable oversampling modes,
normal averaging and rolling average.
The oversampling functionality is configured by
programming the OS_MODE bit and OSR[2:0] bits in the
CONFIGURATION1 register.
Normal Averaging Oversampling
Normal oversampling mode can be used in applications where
slower output data rates are allowable and where higher SNR or
dynamic range is desirable. Normal averaging involves taking a
number of samples, adding the samples together, and dividing
the result by the number of samples taken. This result is then
output from the device. The sample data is cleared after the
process is completed.
Normal oversampling mode is configured by setting the
OS_MODE bit to Logic 0 and having a valid nonzero value in
the OSR[2:0] bits. Writing to the OSR[2:0] bits has a two cycle
latency before the register gets updated. The oversampling ratio
of the digital filter is controlled using the oversampling bits,
OSR[2:0], which provides the oversampling bit decoding to
select the different oversample rates. The output result is
decimated to 16-bit resolution for the AD7380 and a 14-bit
resolution for the AD7381. If additional resolution is required,
this can be achieved by configuring the resolution boost bit in
the CONFIGURATION1 register. See the Resolution Boost
section for further details.
The number of samples, n, defined by the OSR[2:0] bits are
taken, added together, and the result is divided by n. The initial
ADC conversion is initiated by the falling edge of CS, and the
AD7380/AD7381 control all subsequent samples in the
oversampling sequence internally. The sampling rate of the
additional n samples is at 3 MSPS for the AD7380 and 4 MSPS
for AD7381 in oversampling mode. The oversampled
conversion result is ready for read back on the next serial interface
access. After the technique is applied, the sample data used in
the calculation is discarded. This process is repeated every time
the application needs a new conversion result and initiates by
the falling edge of CS.
As the output data rate is reduced by the oversampling ratio,
the SPI SCLK frequency required to transmit the data is also
reduced accordingly.
Table 9. AD7380/AD7381 Normal Averaging Oversampling Performance Overview
Oversampling
Ratio
AD7380
AD7381
SNR (dB typical)
Output Data Rate
(kSPS maximum)
SNR (dB typical)
Output Data Rate
(kSPS maximum)
VREF = 2.5 V
VREF = 3.3 V
RES = 0
RES = 1
RES = 0
RES = 1
RES = 0
RES = 1
Disabled
90.8
90.8
92.5
92.5
3000
85.2
85.2
4000
2
92.6
93.6
94.0
95.5
1500
84.7
88
2000
4
94.3
96.5
95.4
98.2
750
85.2
91.1
1000
8
95.8
99.2
96.3
100.5
375
85.5
93
500
16
96.3
100.4
96.8
102.0
187.5
85.7
94.6
250
32
96.5
100.5
97.0
102.8
93.75
85.9
95.6
125
CS
SDOB
SDOA
INTERNAL
S1
S1
ACQ
S2
ACQ
DON’T CARE
t0 RESULT
S2
Sn
Sn
ACQ
ACQ
DON’T CARE
CONVERT START AT
t1
t0 RESULT
Figure 32. Normal Averaging Oversampling Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com