Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5940 Datasheet HTML 28Page - Analog Devices AD5940 Datasheet HTML 29Page - Analog Devices AD5940 Datasheet HTML 30Page - Analog Devices AD5940 Datasheet HTML 31Page - Analog Devices AD5940 Datasheet HTML 32Page - Analog Devices AD5940 Datasheet HTML 33Page - Analog Devices AD5940 Datasheet HTML 34Page - Analog Devices AD5940 Datasheet HTML 35Page - Analog Devices AD5940 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 130 page
background image
AD5940
Data Sheet
Rev. 0 | Page 32 of 130
Bits
Bit Name
Settings
Description
Reset
Access
[11:0]
DACIN12
Low power DAC 12-bit output data register (1 LSB = 537 µV). A value between 0 and
0xFFF sets the 12-bit output voltage.
0x0
R/W
0
Sets output voltage to 0.2 V.
0xFFF
Sets output voltage to 2.4 V.
Low Power Reference Control Register—LPREFBUFCON
Address 0x00002050, Reset: 0x00000000, Name: LPREFBUFCON
Table 18. Bit Descriptions for LPREFBUFCON Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:2]
Reserved
Reserved.
0x0
R
1
LPBUF2P5DIS
Low power output band gap buffer. This bit is normally cleared to enable the
low power reference buffer.
0x0
R/W
0
Enables the low power 2.5 V buffer.
1
Powers down the low power 2.5 V buffer.
0
LPREFDIS
Low power band gap power-down bit. This bit is normally cleared to enable the
low power reference.
0x0
R/W
0
Low power reference enabled.
1
Low power reference powered down.
Common-Mode Switch Mux Register—SWMUX
Address 0x0000235C, Reset: 0x00000000, Name: SWMUX
Table 19. Bit Descriptions for SWMUX Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:4]
Reserved
Reserved.
0x0
R
3
CMMUX
Common-mode resistor select for AIN2 pin and AIN3 pin.
0x0
R/W
0
Common-mode switch off.
1
Enables the common-mode switches with a 10 MΩ resistor to set up the common-mode
voltage on the AIN2 and AIN3 pins. The voltage is driven by the low power TIA and the
AIN4/LPF0 pin.
[2:0]
Reserved
Reserved.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com