Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5940 Datasheet HTML 14Page - Analog Devices AD5940 Datasheet HTML 15Page - Analog Devices AD5940 Datasheet HTML 16Page - Analog Devices AD5940 Datasheet HTML 17Page - Analog Devices AD5940 Datasheet HTML 18Page - Analog Devices AD5940 Datasheet HTML 19Page - Analog Devices AD5940 Datasheet HTML 20Page - Analog Devices AD5940 Datasheet HTML 21Page - Analog Devices AD5940 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 130 page
background image
AD5940
Data Sheet
Rev. 0 | Page 18 of 130
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
A
B
C
D
E
F
G
2
3
4
5
6
7
AFE4
AFE3
AIN2
AVDD
VREF_1V82
SE0
CE0
RE0
RCAL1
AFE1
AIN1
AIN4/
LPF0
AIN3/
BUF_VREF1V8
DE0
VZERO0
RC0_1
RCAL0
AFE2
DNC
AIN6
RC0_2
VBIAS0
RC0_0
VBIAS_CAP
AIN0
DNC
DNC
AGND_REF
GPIO1
VREF_2V5
AVDD_REG
GPIO2
GPIO3
AGND
DGND
DGND
DGND
MOSI
MISO
RESET
AVDD
DVDD
GPIO6
GPIO0
GPIO5
CS
SCLK
DNC
IOVDD
DVDD_
REG_1V8
GPIO7
XTALI
XTALO
GPIO4
DNC
8
ANALOG POWER/GROUND
DIGITAL POWER/GROUND
DIGITAL
DNC = DO NOT CONNECT.
AD5940
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
XTAL
ANALOG
REFERENCE
AGND
Figure 4. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Input/Output
Supply
Description
A1
AFE4
Analog
Uncommitted Analog Front End Pin 4.
A2
AFE3
Analog
Uncommitted Analog Front End Pin 3.
A3
AIN2
Analog
Uncommitted Analog Input Pin 2. This pin connects to the switch matrix.
A4
AVDD
Supply
Analog Circuit Power. Short this pin to Pin F2 (AVDD).
A5
VREF_1V82
Analog
1.82 V Reference Decoupling Capacitor Pin.
A6
SE0
Analog
Sense Electrode Input Pin for High Bandwidth and Low Bandwidth Loop Circuits.
This pin connects to the switch matrix.
A7
CE0
Analog
Counter Electrode Input Pin for High Bandwidth and Low Bandwidth Loop Circuits.
This pin connects to the switch matrix.
A8
RE0
Analog
Reference Electrode Input Pin for High Bandwidth and Low Bandwidth Loop
Circuits. This pin connects to positive node of the switch matrix.
B1
RCAL1
Analog
Terminal B of Calibration Resistor (RCAL). Connect this pin to the switch matrix.
B2
AFE1
Analog
Uncommitted Analog Front End Pin 1.
B3
AIN1
Analog
Uncommitted Analog Input Pin 1. This pin connects to the switch matrix.
B4
AIN4/LPF0
Analog
Uncommitted Analog Input Pin 4 (AIN4).
Low Power TIA Output Low-Pass Filter Capacitor Pin (LPF0).
B5
AIN3/BUF_VREF1V8
Analog
Uncommitted Analog Input Pin 3 (AIN3).
1.82 V Reference Buffered Output (BUF_VREF1V8). This pin connects to the switch
matrix.
B6
DE0
Analog
Analog Input Pin. This pin connects to the input and output of the high speed TIA.
B7
VZERO0
Analog
Low Power, Dual-Output DAC Zero Voltage Output Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com