Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5940 Datasheet HTML 17Page - Analog Devices AD5940 Datasheet HTML 18Page - Analog Devices AD5940 Datasheet HTML 19Page - Analog Devices AD5940 Datasheet HTML 20Page - Analog Devices AD5940 Datasheet HTML 21Page - Analog Devices AD5940 Datasheet HTML 22Page - Analog Devices AD5940 Datasheet HTML 23Page - Analog Devices AD5940 Datasheet HTML 24Page - Analog Devices AD5940 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 130 page
background image
Data Sheet
AD5940
Rev. 0 | Page 21 of 130
40
–140
–100
–60
–20
20
–120
–80
–40
0
–40
25
60
85
TEMPERATURE (°C)
SE0 = 200mV
SE0 = 1100mV
SE0 = 2100mV
Figure 11. Low Power TIA Input Bias Current (IBIAS) vs. Temperature
2
–16
–12
–8
–4
0
–14
–10
–6
–2
TEMPERATURE (°C)
RE0 = 200mV
RE0 = 1100mV
RE0 = 2100mV
–40
25
60
85
Figure 12. Low Power Potentiostat
Input Bias Current vs. Temperature
0.3
–0.3
–0.1
0.1
–0.2
0
0.2
IMPEDANCE (Ω)
BOARD1 ERROR
BOARD2 ERROR
BOARD3 ERROR
100k
300k
500k
800k
1M
2M
4M
8M
10M
Figure 13. Electrodermal Activity (EDA) Measurement Relative Error
vs. Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com