Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 39 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD5940 Datasheet HTML 35Page - Analog Devices AD5940 Datasheet HTML 36Page - Analog Devices AD5940 Datasheet HTML 37Page - Analog Devices AD5940 Datasheet HTML 38Page - Analog Devices AD5940 Datasheet HTML 39Page - Analog Devices AD5940 Datasheet HTML 40Page - Analog Devices AD5940 Datasheet HTML 41Page - Analog Devices AD5940 Datasheet HTML 42Page - Analog Devices AD5940 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 130 page
background image
Data Sheet
AD5940
Rev. 0 | Page 39 of 130
Bits
Bit Name
Settings
Description
Reset
Access
1001
12 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 12 kΩ. If RLOAD > 100 Ω. RTIA =
12 kΩ − (RLOAD − 100 Ω).
1010
16 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 16 kΩ. If RLOAD > 100 Ω. RTIA =
16 kΩ − (RLOAD − 100 Ω).
1011
20 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 20 kΩ. If RLOAD > 100 Ω. RTIA =
20 kΩ − (RLOAD − 100 Ω).
1100
24 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 24 kΩ. If RLOAD > 100 Ω. RTIA =
24 kΩ − (RLOAD − 100 Ω).
1101
30 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 30 kΩ. If RLOAD > 100 Ω. RTIA =
30 kΩ − (RLOAD − 100 Ω).
1110
32 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 32 kΩ. If RLOAD > 100 Ω. RTIA =
32 kΩ − (RLOAD − 100 Ω).
1111
40 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 40 kΩ. If RLOAD >100 Ω. RTIA =
40 kΩ − (RLOAD − 100 Ω).
10000
48 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 48 kΩ. If RLOAD > 100 Ω. RTIA =
48 kΩ − (RLOAD − 100 Ω).
10001
64 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 64 kΩ. If RLOAD > 100 Ω. RTIA =
64 kΩ − (RLOAD − 100 Ω).
10010
85 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 85 kΩ. If RLOAD > 100 Ω. RTIA =
85 kΩ − (RLOAD − 100 Ω).
10011
96 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 96 kΩ. If RLOAD > 100 Ω. RTIA =
96 kΩ − (RLOAD − 100 Ω).
10100
100 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 100 kΩ. If RLOAD > 100 Ω. RTIA =
100 kΩ − (RLOAD − 100 Ω).
10101
120 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 120 kΩ. If RLOAD > 100 Ω. RTIA =
120 kΩ − (RLOAD − 100 Ω).
10110
128 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 128 kΩ. If RLOAD > 100 Ω. RTIA =
128 kΩ − (RLOAD − 100 Ω).
10111
160 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 160 kΩ. If RLOAD > 100 Ω. RTIA =
160 kΩ − (RLOAD − 100 Ω).
11000
196 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 196 kΩ. If RLOAD > 100 Ω. RTIA =
196 kΩ − (RLOAD − 100 Ω).
11001
256 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 256 kΩ. If RLOAD > 100 Ω. RTIA =
256 kΩ − (RLOAD − 100 Ω).
11010
512 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 512 kΩ. If RLOAD > 100 Ω. RTIA =
512 kΩ − (RLOAD − 100 Ω).
[4:3]
IBOOST
Current boost control.
0x0
R/W
00
Normal mode.
01
Increase amplifier output stage current to quickly charge external capacitor load. This
setting is intended for use with high current sensors.
10
Double TIA and PA overall quiescent current and increase amplifier bandwidth. This
setting is useful for diagnostic tests.
11
Double TIA and PA overall quiescent current and increase output stage current. This
setting increases amplifier bandwidth and output current capability.
2
HALFPWR
Half power mode select. This control bit reduces the active power consumption of the
TIA and PA for Sensor Channel 0.
0x0
R/W
0
Normal mode (default).
1
Reduces PA and TIA current by half.
1
PAPDEN
PA power-down. Low power Potentiostat power-down control bit.
0x1
R/W
0
Power-up.
1
Power-down.
0
TIAPDEN
TIA power-down. Low power TIA power-down control bit.
0x1
R/W
0
Power-up.
1
Power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com