Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5940 Datasheet HTML 19Page - Analog Devices AD5940 Datasheet HTML 20Page - Analog Devices AD5940 Datasheet HTML 21Page - Analog Devices AD5940 Datasheet HTML 22Page - Analog Devices AD5940 Datasheet HTML 23Page - Analog Devices AD5940 Datasheet HTML 24Page - Analog Devices AD5940 Datasheet HTML 25Page - Analog Devices AD5940 Datasheet HTML 26Page - Analog Devices AD5940 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 130 page
background image
Data Sheet
AD5940
Rev. 0 | Page 23 of 130
THEORY OF OPERATION
The main blocks of the AD5940 are as follows:
•
Low power, dual-output, string DAC used to set the sensor
bias voltage and low frequency excitation. Supports
chronoamperometric and voltammetry electrochemical
techniques.
•
Low power potentiostat that applies the bias voltage to the
sensor.
•
Low power TIA that performs low bandwidth current
measurements.
•
High speed DAC and amplifier designed to generate
excitation signals for impedance measurements up to
200 kHz.
•
High speed TIA that supports wider signal bandwidth
measurements.
•
High performance ADC circuit (see the High Performance
ADC Circuit section).
•
Programmable switch matrix. The input switching of the
AD5940 allows full configurability in the connections of
the external sensors (see the Programmable Switch Matrix
section).
•
Programmable sequencer (see the Sequencer section).
•
SPI interface.
•
Waveform generator designed to create sinusoid and
trapezoid waveforms up to 200 kHz (see the Waveform
Generator section).
•
Interrupt sources that output to a GPIOx pin to alert the
host controller that an interrupt event occurred (see the
Interrupts).
•
Digital inputs/outputs (see the Digital Inputs/Outputs
section).
CONFIGURATION REGISTERS
Table 8. Configuration Registers Summary
Address
Name
Description
Reset
Access
0x00002000
AFECON
AFE configuration register
0x00080000
R/W
0x000022F0
PMBW
Power modes configuration register
0x00088800
R/W
Configuration Register—AFECON
Address 0x00002000, Reset: 0x00080000, Name: AFECON
Table 9. Bit Descriptions for AFECON Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:22]
Reserved
Reserved.
0x0
R
21
DACBUFEN
Enables the dc DAC buffer. This bit enables the buffer for the high impedance
output of the dc DAC.
0x0
R/W
0
Disables the dc DAC buffer.
1
Enables the dc DAC buffer.
20
DACREFEN
High speed DAC reference enable.
0x0
R/W
0
Reference disable. Clear to 0 to disable the high speed DAC reference.
1
Reference enable. Set to 1 to enable the high speed DAC reference.
19
ALDOILIMITEN
Analog low dropout (LDO) regulator current limiting. This bit enables AFE
analog LDO buffer current limiting. If enabled, this feature limits the current
drawn from the battery while charging the capacitor on the AVDD_REG pin.
0x1
R/W
0
Analog LDO buffer current limiting enabled.
1
Analog LDO buffer current limiting disabled.
[18:17]
Reserved
Reserved.
0x0
R
16
SINC2EN
ADC output 50 Hz/60 Hz filter enable. This bit enables the 50 Hz/60 Hz supply
rejection filter.
0x0
R/W
0
Supply rejection filter disabled. Disables sinc2 (50 Hz/60 Hz digital filter).
Disable this bit for impedance measurements.
1
Supply rejection filter enabled. Enables sinc2 (50 Hz/60 Hz digital filter).
15
DFTEN
DFT hardware accelerator enable. This bit enables the DFT hardware
acceleration block.
0x0
R/W
0
DFT hardware accelerator disabled.
1
DFT hardware accelerator enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com