Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 62 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD5940 Datasheet HTML 58Page - Analog Devices AD5940 Datasheet HTML 59Page - Analog Devices AD5940 Datasheet HTML 60Page - Analog Devices AD5940 Datasheet HTML 61Page - Analog Devices AD5940 Datasheet HTML 62Page - Analog Devices AD5940 Datasheet HTML 63Page - Analog Devices AD5940 Datasheet HTML 64Page - Analog Devices AD5940 Datasheet HTML 65Page - Analog Devices AD5940 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 130 page
background image
AD5940
Data Sheet
Rev. 0 | Page 62 of 130
ADC Offset Calibration Auxiliary Input Channel (PGA Gain = 1.5) Register—ADCOFFSETGN1P5
Address 0x000022CC, Reset: 0x00000000, Name: ADCOFFSETGN1P5
The ADCOFFSETGN1P5 register provides ADC input offset calibration with PGA gain =1.5.
Table 61. Bit Descriptions for ADCOFFSETGN1P5 Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:15]
Reserved
Reserved.
0x0
R
[14:0]
Value
Offset calibration gain = 1.5. ADC offset correction with PGA gain = 1.5.
0x0
R/W
0x3FFF
4095.75. Maximum positive offset calibration value.
0x0001
0.25. Minimum positive offset calibration value.
0x0000
0. No offset adjustment.
0x7FFF
−0.25. Minimum negative offset calibration value.
0x4000
−4096. Maximum negative offset calibration value.
ADC Gain Calibration Auxiliary Input Channel (PGA Gain = 1.5) Register—ADCGAINGN1P5
Address 0x00002270, Reset: 0x00004000, Name: ADCGAINGN1P5
The ADCGAINGN1P5 register provides gain calibration for the voltage input channels to the ADC, including the AINx channels.
Table 62. Bit Descriptions for ADCGAINGN1P5 Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:15]
Reserved
Reserved.
0x0
R
[14:0]
Value
Gain calibration for PGA gain = 1.5. These bits provide ADC gain correction for the
auxiliary input channels. These bits are used for all channels except the TIA and
temperature sensor channels when PGA gain =1.5. This value is stored as a signed
number. Bit 14 is the sign bit and Bits[13:0] represent the fractional part.
0x4000
R/W
0x0000
0. Illegal value resulting in an ADC result of 0.
0x2000
0.5. ADC result multiplied by 0.5.
0x4000
1.0. ADC result multiplied by 1. No gain adjustment (default value).
0x4001
1.000061. Minimum positive gain adjustment.
0x7FFF
2. Maximum positive gain adjustment.
0x0001
0.000061. Maximum negative gain adjustment.
0x3FFF
0.999939. Minimum negative gain adjustment.
ADC Offset Calibration Auxiliary Input Channel (PGA Gain = 2) Register—ADCOFFSETGN2
Address 0x000022C8, Reset: 0x00000000, Name: ADCOFFSETGN2
The ADCOFFSETGN2 register provides ADC input offset calibration with PGA gain = 2
Table 63. Bit Descriptions for ADCOFFSETGN2 Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:15]
Reserved
Reserved.
0x0
R
[14:0]
Value
Offset calibration auxiliary channel (PGA gain = 2). These bits provide ADC offset
correction for inputs using PGA gain = 2, represented as a twos complement number.
The calibration resolution is 0.25 LSB of the ADCDAT LSB size. Therefore, the calibration
resolution is ±VREF/218. If VREF = 1.82 V, the calibration resolution is 1.8/217 = 13.73 µV.
0x0
R/W
0x3FFF
4095.75. Maximum positive offset calibration value.
0x0001
0.25. Minimum positive offset calibration value.
0x0000
0. No offset adjustment.
0x7FFF
−0.25. Minimum negative offset calibration value.
0x4000
−4096. Maximum negative offset calibration value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com