Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5940 Datasheet HTML 16Page - Analog Devices AD5940 Datasheet HTML 17Page - Analog Devices AD5940 Datasheet HTML 18Page - Analog Devices AD5940 Datasheet HTML 19Page - Analog Devices AD5940 Datasheet HTML 20Page - Analog Devices AD5940 Datasheet HTML 21Page - Analog Devices AD5940 Datasheet HTML 22Page - Analog Devices AD5940 Datasheet HTML 23Page - Analog Devices AD5940 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 130 page
background image
AD5940
Data Sheet
Rev. 0 | Page 20 of 130
TYPICAL PERFORMANCE CHARACTERISTICS
0
–100
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 5. Magnitude vs. Frequency, ADC 1.82 V Voltage Reference AC PSRR
0
–100
10
100
1k
10k
FREQUENCY (Hz)
100k
1M
10M
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 6. Magnitude vs. Frequency, Low Power 2.5 V Voltage Reference
AC PSRR
2.49976
2.49974
2.49972
2.49970
2.49968
2.49964
2.49966
2.49962
2.49960
2.49958
2.49956
2.49954
2.49952
2.49950
2.49948
2.49946
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
SUPPLY VOLTAGE (V)
Figure 7. Low Power Reference (2.5 V) vs. Supply Voltage,
DC PSRR
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
SUPPLY VOLTAGE (V)
1.110530
1.110528
1.110526
1.110524
1.110522
1.110520
1.110518
1.110516
1.110514
1.110512
1.110510
1.110508
1.110506
1.110504
1.110502
1.110500
1.110498
1.110496
Figure 8. High Power Reference vs. Supply Voltage,
1.11 V Voltage Reference DC PSRR
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
SUPPLY VOLTAGE (V)
1.820950
1.820948
1.820946
1.820944
1.820942
1.820940
1.820938
1.820936
1.820934
1.820932
1.820930
1.820928
1.820926
1.820924
1.820922
Figure 9. High Power Reference vs. Supply Voltage,
ADC 1.82 V Voltage Reference DC PSRR
6
–2
0
3
5
2
–1
1
4
RE0 PIN VOLTAGE (V)
0.2
0.4
0.6
0.8
2.0
2.2
1.0
1.2
1.4
1.6
1.8
2.4
Figure 10. Low Power Potentiostat Input Bias Current (IBIAS) vs. RE0 Pin
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com