Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5940 Datasheet HTML 9Page - Analog Devices AD5940 Datasheet HTML 10Page - Analog Devices AD5940 Datasheet HTML 11Page - Analog Devices AD5940 Datasheet HTML 12Page - Analog Devices AD5940 Datasheet HTML 13Page - Analog Devices AD5940 Datasheet HTML 14Page - Analog Devices AD5940 Datasheet HTML 15Page - Analog Devices AD5940 Datasheet HTML 16Page - Analog Devices AD5940 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
Data Sheet
AD5940
Rev. 0 | Page 13 of 130
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
GPIO Input Voltage
Low
VINL
0.25 ×
IOVDD
V
High
VINH
0.57 ×
IOVDD
V
XTALI Input Voltage
Low
VINL
1.1
V
High
VINH
1.7
V
LOGIC INPUTS
GPIO Input Voltage1
Low
VINL
0.25 ×
IOVDD
V
High
VINH
0.57 ×
IOVDD
V
Pull-Up Current1
30
130
μA
Input voltage (VIN) = 0 V; DVDD = 3.6 V
LOGIC OUTPUTS
All digital outputs, excluding XTALO
GPIO Output Voltage1, 8
High
VOH
IOVDD
− 0.4
V
Source current (ISOURCE) = 2 mA
Low
VOL
0.35
V
Sink current (ISINK) = 2 mA
Pull-Down Current1
30
100
μA
VIN = 3.3 V
GPIO Short-Circuit Current
11.5
mA
PIN SUPPLY RANGE FOR 1.8 V
INPUT/OUTPUT1
1.62
1.8
1.98
V
Input Voltage
Low
VINL
0.3 ×
pin
supply
V
High
VINH
0.7 ×
pin
supply
V
Output Voltage
Low
VOL
0.45
V
ISINK = 1.0 mA
High
VOH
Pin
supply
− 0.5
V
ISOURCE = 1.0 mA
OSCILLATORS
Internal System Oscillator
16 or
32
MHz
Accuracy
16 MHz Mode
±0.5
±3
%
32 MHz Mode
±0.5
±3
%
External Crystal Oscillator
16
32
MHz
Can be selected in place of the internal
oscillator
Leakage
500
590
nA
XTALI/XTALO pins
Logic Inputs, XTALI Only
Input Low Voltage
VINL
1.1
V
Input High Voltage
VINH
1.7
V
XTALI Input Capacitance
8
pF
XTALO Output Capacitance
8
pF
32 kHz Internal Oscillators
32.768
kHz
Used for watchdog timers and wake-up timers
Accuracy
±5
±15
%
EXTERNAL INTERRUPTS
Pulse Width1
Level Triggered
7
ns
Edge Triggered
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com