Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 49 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD5940 Datasheet HTML 45Page - Analog Devices AD5940 Datasheet HTML 46Page - Analog Devices AD5940 Datasheet HTML 47Page - Analog Devices AD5940 Datasheet HTML 48Page - Analog Devices AD5940 Datasheet HTML 49Page - Analog Devices AD5940 Datasheet HTML 50Page - Analog Devices AD5940 Datasheet HTML 51Page - Analog Devices AD5940 Datasheet HTML 52Page - Analog Devices AD5940 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
Data Sheet
AD5940
Rev. 0 | Page 49 of 130
High Speed TIA Configuration Register—HSTIACON
Address 0x000020FC, Reset: 0x00000000, Name: HSTIACON
Table 39. Bit Descriptions for HSTIACON Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:2]
Reserved
Reserved.
0x0
R
[1:0]
VBIASSEL
Select high speed TIA positive input.
0x0
R/W
00
VBIAS_CAP pin 1.11 V voltage source.
01
VZERO0 output from low power DAC.
10
Reserved.
11
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com