Electronic Components Datasheet Search
  English  ▼

X  

ISO7021 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7021
Description  ISO7021 Ultra-Low Power Two-Channel Digital Isolator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7021 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7021 Datasheet HTML 12Page - Texas Instruments ISO7021 Datasheet HTML 13Page - Texas Instruments ISO7021 Datasheet HTML 14Page - Texas Instruments ISO7021 Datasheet HTML 15Page - Texas Instruments ISO7021 Datasheet HTML 16Page - Texas Instruments ISO7021 Datasheet HTML 17Page - Texas Instruments ISO7021 Datasheet HTML 18Page - Texas Instruments ISO7021 Datasheet HTML 19Page - Texas Instruments ISO7021 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
TX IN
OOK
Modulation
Transmitter
Oscillator
TX Signal
Conditioning
Envelope
Detection
RX Signal
Conditioning
Receiver
RX OUT
SiO2 based
Capacitive
Isolation
Barrier
Edge
Encoding
Refresh
Logic
Watch Dog
Timer
16
ISO7021
SLLSFA0 – JULY 2019
www.ti.com
Product Folder Links: ISO7021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The ISO7021 device uses edge encoding of data with an ON-OFF keying (OOK) modulation scheme to transmit
the digital data across a silicon dioxide isolation barrier. The transmitter uses a high frequency carrier signal to
pass data across the barrier representing a signal edge transition. Using this method achieves very low power
consumption and high immunity. The receiver demodulates the carrier signal after advanced signal conditioning
and produces the output through a buffer stage. For low data rates, a refresh logic option is available to make
sure the output state matches the input state. Advanced circuit techniques are used to maximize the CMTI
performance and minimize the radiated emissions due the high frequency carrier and IO buffer switching. The
conceptual block diagram of a digital capacitive isolator, Figure 4, shows a functional block diagram of a typical
channel.
9.2 Functional Block Diagram
Figure 4. Conceptual Block Diagram of a Digital Capacitive Isolator
9.3 Feature Description
9.3.1 Refresh
The ISO7021 uses an edge based encoding scheme to transfer an input signal change across the isolation
barrier versus sending across the DC state. The built in refresh function consistently validates that the DC output
state of each isolator channel matches the DC input state. An internal watchdog timer monitors for activity on the
individual inputs and transmits the logic state when there is no input signal transition for more than 100 µs. This
ensures that the input and output state of the isolator always match.
9.3.2 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances
are regulated by international standards such as IEC 61000-4-x and CISPR 22. Although system-level
performance and reliability depends, to a large extent, on the application board design and layout, the ISO70xx
family of devices incorporates many chip-level design improvements for overall system robustness. Some of
these improvements include:
•
Robust ESD protection cells for input and output signal pins and inter-chip bond pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com