Electronic Components Datasheet Search
  English  ▼

X  

ISO7021 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7021
Description  ISO7021 Ultra-Low Power Two-Channel Digital Isolator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7021 Datasheet(HTML) 1 Page - Texas Instruments

  ISO7021 Datasheet HTML 1Page - Texas Instruments ISO7021 Datasheet HTML 2Page - Texas Instruments ISO7021 Datasheet HTML 3Page - Texas Instruments ISO7021 Datasheet HTML 4Page - Texas Instruments ISO7021 Datasheet HTML 5Page - Texas Instruments ISO7021 Datasheet HTML 6Page - Texas Instruments ISO7021 Datasheet HTML 7Page - Texas Instruments ISO7021 Datasheet HTML 8Page - Texas Instruments ISO7021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
VCC1
GND1
VCC2
MCU
VDD
DGND
Digital
Ground
ISO
Ground
Galvanic
Isolation Barrier
ISO7021
GND2
VCC1
VCC2
ADC
Data Rate (Kbps)
1
10
100
1000 2000
4
10
100
200
D001
D001
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
ISO7021
SLLSFA0 – JULY 2019
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
1
1 Features
1
•
Ultra-low power consumption
–
4.8 μA per channel quiescent current (3.3 V)
–
15 μA per channel at 100 kbps (3.3 V)
–
120 μA per channel at 1 Mbps (3.3 V)
•
Robust isolation barrier
–
>100-year projected lifetime
–
3000 VRMS isolation rating
–
±100 kV/μs typical CMTI
•
Wide supply range: 1.71 V to 1.89 V and 2.25 V to
5.5 V
•
Wide temperature range: –55°C to +125°C
•
Small 8-SOIC package (8-D)
•
Signaling rate: Up to 4 Mbps
•
Default output High (ISO7021) and Low
(ISO7021F) options
•
Robust electromagnetic compatibility (EMC)
–
System-level ESD, EFT, and surge immunity
–
±8 kV IEC 61000-4-2 contact discharge
protection across isolation barrier
–
Very low emissions
•
Safety-related certifications (planned):
–
UL 1577 Component Recognition Program
–
DIN V VDE V 0884-11
–
CQC, TUV and CSA certifications
2 Applications
•
4-mA to 20-mA loop powered field transmitters
•
Factory automation, process automation
•
Low-power GPIO, UART isolation
3 Description
The
ISO7021
device
is
an
ultra-low
power,
multichannel digital isolator that can be used to
isolate CMOS or LVCMOS digital I/Os. Each isolation
channel has a logic input and output buffer separated
by
a
double
capacitive
silicon
dioxide
(SiO2)
insulation barrier. Innovative edge based architecture
combined
with
an
ON-OFF
keying
modulation
scheme allows these isolators to consume very-low
power while meeting 3000-VRMS isolation rating per
UL1577.
The
per
channel
dynamic
current
consumption of the device is under 120 μA/Mbps and
the per channel static current consumption is 4.8 μA
at 3.3 V, allowing for use of the ISO7021 in both
power and thermal constrained system designs.
The device can operate as low as 1.71 V, as high as
5.5 V, and is fully functional with different supply
voltages on each side of isolation barrier. The two-
channel isolator comes in a narrow body 8-SOIC
package with one forward and one reverse-direction
channel in a 8-SOIC package. The device has default
output high and low options. If the input power or
signal is lost, default output is high for the ISO7021
device without the suffix F and low for the ISO7021F
device with the F suffix. See the Device Functional
Modes section for more information.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO7021
SOIC (8-D)
4.90 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Schematic
Data Rate vs Power Consumption at 3.3 V


Similar Part No. - ISO7021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7021 TI1-ISO7021 Datasheet
2Mb / 30P
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
ISO7021D TI1-ISO7021D Datasheet
2Mb / 30P
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
ISO7021D TI-ISO7021D Datasheet
3Mb / 88P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
ISO7021DR TI1-ISO7021DR Datasheet
2Mb / 30P
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
ISO7021FD TI1-ISO7021FD Datasheet
2Mb / 30P
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
More results

Similar Description - ISO7021

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7041 TI1-ISO7041 Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
logo
Silicon Laboratories
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
Low Power Six-Channel Digital Isolator
logo
Texas Instruments
ISO7021 TI1-ISO7021 Datasheet
2Mb / 30P
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com