Electronic Components Datasheet Search
  English  ▼

X  

ISO7021 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7021
Description  ISO7021 Ultra-Low Power Two-Channel Digital Isolator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7021 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7021 Datasheet HTML 4Page - Texas Instruments ISO7021 Datasheet HTML 5Page - Texas Instruments ISO7021 Datasheet HTML 6Page - Texas Instruments ISO7021 Datasheet HTML 7Page - Texas Instruments ISO7021 Datasheet HTML 8Page - Texas Instruments ISO7021 Datasheet HTML 9Page - Texas Instruments ISO7021 Datasheet HTML 10Page - Texas Instruments ISO7021 Datasheet HTML 11Page - Texas Instruments ISO7021 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
ISO7021
SLLSFA0 – JULY 2019
www.ti.com
Product Folder Links: ISO7021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these specifications.
(2)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(3)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(4)
All pins on each side of the barrier tied together creating a two-pin device.
7.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
SPECIFIC
ATIONS
UNIT
8-D
IEC 60664-1
CLR
External clearance(1)
Side 1 to side 2 distance through air
4
mm
CPG
External Creepage(1)
Side 1 to side 2 distance across package surface
4
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
>17
µm
CTI
Comparative tracking index
IEC 60112; UL 746A
>600
V
Material Group
According to IEC 60664-1
I
Overvoltage category
Rated mains voltage
≤ 150 VRMS
I-IV
Rated mains voltage
≤ 300 VRMS
I-III
Rated mains voltage
≤ 600 VRMS
n/a
Rated mains voltage
≤ 1000 VRMS
n/a
DIN V VDE V 0884-11:2017-01
VIORM
Maximum repetitive peak isolation voltage
AC voltage (bipolar)
566
VPK
VIOWM
Maximum isolation working voltage
AC voltage (sine wave); time-dependent dielectric
breakdown (TDDB) test;
400
VRMS
DC voltage
566
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM , t = 60 s (qualification); VTEST =
1.2 × VIOTM, t = 1 s (100% production)
4242
VPK
VIOSM
Maximum surge isolation voltage(2)
Test method per IEC 62368-1, 1.2/50 µs
waveform, VTEST = 1.6 × VIOSM = TBD VPK
(qualification)
4000
VPK
qpd
Apparent charge(3)
Method a: After I/O safety test subgroup 2/3, Vini
= VIOTM, tini = 60 s; Vpd(m) = 1.2 × VIORM , tm = 10
s
≤ 5
pC
Method a: After environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.6 × VIORM , tm = 10 s
≤ 5
Method b1: At routine test (100% production) and
preconditioning (type test), Vini = VIOTM, tini = 1 s;
Vpd(m) = 1.875 × VIORM , tm = 1 s
≤ 5
CIO
Barrier capacitance, input to output(4)
VIO = 0.4 × sin (2 πft), f = 1 MHz
1
pF
RIO
Insulation resistance, input to output(4)
VIO = 500 V, TA = 25°C
> 1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 150°C
> 1011
VIO = 500 V at TS = 150°C
> 109
Pollution degree
2
Climatic category
55/125/
21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO , t = 60 s (qualification); VTEST = 1.2
× VISO , t = 1 s (100% production)
3000
VRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com