Electronic Components Datasheet Search
  English  ▼

X  

ISO7021 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7021
Description  ISO7021 Ultra-Low Power Two-Channel Digital Isolator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7021 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO7021 Datasheet HTML 16Page - Texas Instruments ISO7021 Datasheet HTML 17Page - Texas Instruments ISO7021 Datasheet HTML 18Page - Texas Instruments ISO7021 Datasheet HTML 19Page - Texas Instruments ISO7021 Datasheet HTML 20Page - Texas Instruments ISO7021 Datasheet HTML 21Page - Texas Instruments ISO7021 Datasheet HTML 22Page - Texas Instruments ISO7021 Datasheet HTML 23Page - Texas Instruments ISO7021 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
VCC1
VCC2
GND1
GND2
MSP430FR2355
INB
ISO7021
DVSS
DVCC
0.1 F
OUTA
INA
OUTB
UCA0TXD
UCA0RXD
DVDD
AVSS
AIN0
Tx
Rx
ADS122U04
AIN3
DGND
AVDD
Isolation Barrier
0.1 …F
0.1 …F
AVSS
AVCC
0.1 F
AIN1
AIN2
100 nF
Thermocouple
1
NŸ
1
NŸ
0.1 F
0.1 F
VCC1
VCC2
1
0Ÿ
1
0Ÿ
10 nF
10 nF
20
ISO7021
SLLSFA0 – JULY 2019
www.ti.com
Product Folder Links: ISO7021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
Figure 7. Insulation Lifetime Projection Data
10.2 Typical Application
Figure 8 shows the isolated UART.
Figure 8. Isolated UART for a Temperature Field Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com