Electronic Components Datasheet Search
  English  ▼

X  

ISO7021 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7021
Description  ISO7021 Ultra-Low Power Two-Channel Digital Isolator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7021 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7021 Datasheet HTML 5Page - Texas Instruments ISO7021 Datasheet HTML 6Page - Texas Instruments ISO7021 Datasheet HTML 7Page - Texas Instruments ISO7021 Datasheet HTML 8Page - Texas Instruments ISO7021 Datasheet HTML 9Page - Texas Instruments ISO7021 Datasheet HTML 10Page - Texas Instruments ISO7021 Datasheet HTML 11Page - Texas Instruments ISO7021 Datasheet HTML 12Page - Texas Instruments ISO7021 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
ISO7021
www.ti.com
SLLSFA0 – JULY 2019
Product Folder Links: ISO7021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Plan to certify according
to DIN V VDE V 0884-
11:2017- 01
Certified according to IEC
60950-1 and IEC 62368-1
Plan to certify according
to UL 1577 Component
Recognition Program
Plan to certify according
to GB4943.1-2011
Plan to certify
according to EN 61010-
1:2010 (3rd Ed) and EN
60950- 1:2006/A2:2013
Maximum transient
isolation voltage,
4242 VPK;
Maximum repetitive peak
isolation voltage, 566 VPK;
Maximum surge isolation
voltage,
4000 VPK
3000 VRMS insulation per
CSA 60950-1-07+A1+A2,
IEC 60950-1 2nd
Ed.+A1+A2, CSA 62368-
1- 14 and IEC 62368-
1:2014 370 VRMS (DBQ-
16) maximum working
voltage (pollution degree
2, material group I)
Single protection,
3000 VRMS
Basic insulation, Altitude
≤
5000 m, Tropical Climate,
250 VRMS maximum
working voltage
3000 VRMS insulation per
EN 61010-1:2010 (3rd Ed)
up to working voltage of
300 VRMS
3000 VRMS insulation per
EN 60950-
1:2006/A2:2013 up to
working voltage of 370
VRMS
Certificate planned
Certificate planned
Certificate planned
Certificate planned
Certificate planned
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS
and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
7.8 Safety Limiting Values
Safety limiting
(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D-8 PACKAGE
IS
Safety input, output, or supply current
RθJA = 94.3°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C
241
mA
RθJA = 94.3°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C
368
mA
RθJA = 94.3°C/W, VI = 2.75 V, TJ =
150°C, TA = 25°C
482
RθJA = 94.3°C/W, VI = 1.89 V, TJ =
150°C, TA = 25°C
701
mA
PS
Safety input, output, or total power
RθJA = 94.3°C/W, TJ = 150°C, TA = 25°C
1325
mW
TS
Maximum safety temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com