Electronic Components Datasheet Search
  English  ▼

X  

ISO7021 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7021
Description  ISO7021 Ultra-Low Power Two-Channel Digital Isolator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7021 Datasheet(HTML) 2 Page - Texas Instruments

  ISO7021 Datasheet HTML 1Page - Texas Instruments ISO7021 Datasheet HTML 2Page - Texas Instruments ISO7021 Datasheet HTML 3Page - Texas Instruments ISO7021 Datasheet HTML 4Page - Texas Instruments ISO7021 Datasheet HTML 5Page - Texas Instruments ISO7021 Datasheet HTML 6Page - Texas Instruments ISO7021 Datasheet HTML 7Page - Texas Instruments ISO7021 Datasheet HTML 8Page - Texas Instruments ISO7021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
ISO7021
SLLSFA0 – JULY 2019
www.ti.com
Product Folder Links: ISO7021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information .................................................. 7
7.5
Power Ratings........................................................... 7
7.6
Insulation Specifications............................................ 8
7.7
Safety-Related Certifications..................................... 9
7.8
Safety Limiting Values .............................................. 9
7.9
Electrical Characteristics 5V Supply ....................... 10
7.10
Supply Current Characteristics 5V Supply............ 10
7.11
Electrical Characteristics 3.3V Supply .................. 11
7.12
Supply Current Characteristics 3.3V Supply......... 11
7.13
Electrical Characteristics 2.5V Supply .................. 12
7.14
Supply Current Characteristics 2.5V Supply......... 12
7.15
Electrical Characteristics 1.8V Supply .................. 13
7.16
Supply Current Characteristics 1.8V Supply......... 13
7.17
Switching Characteristics ...................................... 14
8
Parameter Measurement Information ................ 15
9
Detailed Description ............................................ 16
9.1
Overview ................................................................. 16
9.2
Functional Block Diagram ....................................... 16
9.3
Feature Description................................................. 16
9.4
Device Functional Modes........................................ 18
10
Application and Implementation........................ 19
10.1
Application Information.......................................... 19
10.2
Typical Application ................................................ 20
11
Power Supply Recommendations ..................... 22
12
Layout................................................................... 23
12.1
Layout Guidelines ................................................. 23
12.2
Layout Example .................................................... 23
13
Device and Documentation Support ................. 24
13.1
Documentation Support ........................................ 24
13.2
Receiving Notification of Documentation Updates 24
13.3
Community Resource............................................ 24
13.4
Trademarks ........................................................... 24
13.5
Electrostatic Discharge Caution ............................ 24
13.6
Glossary ................................................................ 24
14
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
July 2019
*
initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com