Electronic Components Datasheet Search
  English  ▼

X  

ISO7021 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7021
Description  ISO7021 Ultra-Low Power Two-Channel Digital Isolator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7021 Datasheet HTML 7Page - Texas Instruments ISO7021 Datasheet HTML 8Page - Texas Instruments ISO7021 Datasheet HTML 9Page - Texas Instruments ISO7021 Datasheet HTML 10Page - Texas Instruments ISO7021 Datasheet HTML 11Page - Texas Instruments ISO7021 Datasheet HTML 12Page - Texas Instruments ISO7021 Datasheet HTML 13Page - Texas Instruments ISO7021 Datasheet HTML 14Page - Texas Instruments ISO7021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
ISO7021
www.ti.com
SLLSFA0 – JULY 2019
Product Folder Links: ISO7021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC
(2)
Measured from input pin to same side ground.
7.11 Electrical Characteristics 3.3V Supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+(IN)
Rising input switching threshold
0.7 x VCCI
(1)
V
VIT-(IN)
Falling input switching threshold
0.3 x VCCI
V
VOH
High-level output voltage
IOH = -2mA
VCCO - 0.3
V
VOL
Low-level output voltage
IOL = 2mA
0.3
V
VI(HYS)
Input threshold voltage
hysteresis
0.1 x VCCI
V
IIH
High-level input current
VIH = VCCI
(1) at INx
1
µA
IIL
Low-level input current
VIL = 0 V at INx
-1
µA
CMTI
Common mode transient
immunity
VI = VCC or 0 V, VCM = 1200 V
50
100
kV/us
Ci
Input Capacitance(2)
VI = VCC/ 2 + 0.4×sin(2πft), f = 2
MHz, VCC = 3.3 V
2
pF
7.12 Supply Current Characteristics 3.3V Supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY CURRENT
MIN
TYP
MAX
UNIT
ISO7021
Supply current - DC
signal
VI = VCC1 (ISO7021); VI = 0 V (ISO7021
with F suffix)
ICC1
4.76
7.83
µA
ICC2
4.75
7.81
µA
VI = 0 V (ISO7021); VI = VCC1 (ISO7021
with F suffix)
ICC1
5.21
8.4
µA
ICC2
5.21
8.44
µA
Supply current - AC
signal
10 kbps, No Load
ICC1
5.74
8.78
µA
ICC2
5.72
8.77
µA
100 kbps, No Load
ICC1
15
23
µA
ICC2
15
23
µA
1 Mbps, No Load
ICC1
120
153
µA
ICC2
120
155
µA
Total Supply Current
Per Channel
VI = VCC1 (ISO7021); VI = 0 V (ISO7021
with F suffix)
ICC1(ch) + ICC2(ch)
4.75
7.82
µA
VI = 0 V (ISO7021); VI = VCC1 (ISO7021
with F suffix)
ICC1(ch) + ICC2(ch)
5.21
8.42
µA
10 kbps, No Load
ICC1(ch) + ICC2(ch)
5.73
8.77
µA
100 kbps, No Load
ICC1(ch) + ICC2(ch)
15
23
µA
1 Mbps, No Load
ICC1(ch) + ICC2(ch)
120
153
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com