Electronic Components Datasheet Search
  English  ▼

X  

ISO7021 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7021
Description  ISO7021 Ultra-Low Power Two-Channel Digital Isolator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7021 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7021 Datasheet HTML 17Page - Texas Instruments ISO7021 Datasheet HTML 18Page - Texas Instruments ISO7021 Datasheet HTML 19Page - Texas Instruments ISO7021 Datasheet HTML 20Page - Texas Instruments ISO7021 Datasheet HTML 21Page - Texas Instruments ISO7021 Datasheet HTML 22Page - Texas Instruments ISO7021 Datasheet HTML 23Page - Texas Instruments ISO7021 Datasheet HTML 24Page - Texas Instruments ISO7021 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
1
2
3
4
16
15
14
13
INB
OUTA
OUTB
INA
GND2
VCC2
2 mm maximum
from VCC2
GND2
GND1
2 mm maximum
from VCC1
GND1
VCC1
0.1 µF
0.1 µF
21
ISO7021
www.ti.com
SLLSFA0 – JULY 2019
Product Folder Links: ISO7021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Application (continued)
10.2.1 Design Requirements
To design with these devices, use the parameters listed in Table 3.
Table 3. Design Parameters
PARAMETER
VALUE
Supply voltage, VCC1 and VCC2
1.71 V to 1.89 V or 2.25 V to 5.5 V
Decoupling capacitor between VCC1 and GND1
0.1 µF
Decoupling capacitor from VCC2 and GND2
0.1 µF
10.2.2 Detailed Design Procedure
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the device only require two external bypass capacitors to operate.
Figure 9. Typical ISO7021 Circuit Hook-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com