Electronic Components Datasheet Search
  English  ▼

X  

ISO7021 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7021
Description  ISO7021 Ultra-Low Power Two-Channel Digital Isolator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7021 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO7021 Datasheet HTML 10Page - Texas Instruments ISO7021 Datasheet HTML 11Page - Texas Instruments ISO7021 Datasheet HTML 12Page - Texas Instruments ISO7021 Datasheet HTML 13Page - Texas Instruments ISO7021 Datasheet HTML 14Page - Texas Instruments ISO7021 Datasheet HTML 15Page - Texas Instruments ISO7021 Datasheet HTML 16Page - Texas Instruments ISO7021 Datasheet HTML 17Page - Texas Instruments ISO7021 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14
ISO7021
SLLSFA0 – JULY 2019
www.ti.com
Product Folder Links: ISO7021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.17 Switching Characteristics
VCC1, VCC2 = 1.71 V to 1.89 V or 2.25 V to 5.5 V (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 1
140
165
ns
tP(dft)
Propagation delay drift
15
ps/
℃
tUI
Minimum pulse width
See Figure 1
250
ns
PWD
Pulse width distortion
10
ns
tsk(o)
Channel to channel output skew time
10
ns
tsk(p-p)
Part to part skew time
70
ns
tr
Output signal rise time
See Figure 1
5
ns
tf
Output signal fall time
5
ns
tDO
Default output delay time from input
power loss
Refresh enabled, See Figure 2
400
750
us
tPU
Time from UVLO to valid output data
1
5
ms
FR
Refresh rate
5
10
kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com