Electronic Components Datasheet Search
  English  ▼

X  

ISO7021 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7021
Description  ISO7021 Ultra-Low Power Two-Channel Digital Isolator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7021 Datasheet(HTML) 4 Page - Texas Instruments

  ISO7021 Datasheet HTML 1Page - Texas Instruments ISO7021 Datasheet HTML 2Page - Texas Instruments ISO7021 Datasheet HTML 3Page - Texas Instruments ISO7021 Datasheet HTML 4Page - Texas Instruments ISO7021 Datasheet HTML 5Page - Texas Instruments ISO7021 Datasheet HTML 6Page - Texas Instruments ISO7021 Datasheet HTML 7Page - Texas Instruments ISO7021 Datasheet HTML 8Page - Texas Instruments ISO7021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
1
VCC1
8
VCC2
2
OUTA
7
INA
3
INB
6
OUTB
4
GND1
5
GND2
Not to scale
4
ISO7021
SLLSFA0 – JULY 2019
www.ti.com
Product Folder Links: ISO7021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND1
4
—
Ground connection for VCC1
GND2
5
—
Ground connection for VCC2
INA
7
I
Input, channel A
INB
3
I
Input, channel B
OUTA
2
O
Output, channel A
OUTB
6
O
Output, channel B
VCC1
1
—
Power supply, side 1
VCC2
8
—
Power supply, side 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com