Electronic Components Datasheet Search
  English  ▼

X  

ADV7183ABST Datasheet(PDF) 101 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 101 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 96Page - Analog Devices ADV7183ABST Datasheet HTML 97Page - Analog Devices ADV7183ABST Datasheet HTML 98Page - Analog Devices ADV7183ABST Datasheet HTML 99Page - Analog Devices ADV7183ABST Datasheet HTML 100Page - Analog Devices ADV7183ABST Datasheet HTML 101Page - Analog Devices ADV7183ABST Datasheet HTML 102Page - Analog Devices ADV7183ABST Datasheet HTML 103Page - Analog Devices ADV7183ABST Datasheet HTML 104Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 101 / 104 page
background image
ADV7183A
Rev. A | Page 101 of 104
Digital Inputs
The digital inputs on the ADV7183A were designed to work
with 3.3 V signals, and are not tolerant of 5 V signals. Extra
components are needed if 5 V logic signals are required to be
applied to the decoder.
Antialiasing Filters
For inputs from some video sources that are not bandwidth
limited, signals outside the video band can alias back into the
video band during A/D conversion and appear as noise on the
output video. The ADV7183A oversamples the analog inputs by
a factor of 4. This 54 MHz sampling frequency reduces the
requirement for an input filter; for optimal performance it is
recommended that an antialiasing filter be employed. The
recommended low cost circuit for implementing this buffer and
filter circuit for all analog input signals is shown in Figure 41.
The buffer is a simple emitter-follower using a single npn
transistor. The antialiasing filter is implemented using passive
components. The passive filter is a third-order Butterworth
filter with a -3dB point of 9MHz. The frequency response of the
passive filter is shown in Figure 40. The flat pass band up to
6 MHz is essential. The attenuation of the signal at the output of
the filter due to the voltage divider of R24 and R63 is compen-
sated for in the ADV7183A part using the automatic gain
control. The ac coupling capacitor at the input to the buffer
creates a high-pass filter with the biasing resistors for the
transistor. This filter has a cut-off of
{2 × π × (R39||R89) × C93}–1 = 0.62 Hz
It is essential that the cutoff of this filter be less than 1 Hz to
ensure correct operation of the internal clamps within the part.
These clamps ensure that the video stays within the 5 V range of
the op amp used.
0
–20
–40
–60
–80
–100
–120
100kHz
30MHz
10MHz
3MHz
1MHz
300kHz
300MHz
1GHz
100MHz
FREQUENCY
Figure 40. Third-Order Butterworth Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com