Electronic Components Datasheet Search
  English  ▼

X  

ADV7183ABST Datasheet(PDF) 104 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 104 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 96Page - Analog Devices ADV7183ABST Datasheet HTML 97Page - Analog Devices ADV7183ABST Datasheet HTML 98Page - Analog Devices ADV7183ABST Datasheet HTML 99Page - Analog Devices ADV7183ABST Datasheet HTML 100Page - Analog Devices ADV7183ABST Datasheet HTML 101Page - Analog Devices ADV7183ABST Datasheet HTML 102Page - Analog Devices ADV7183ABST Datasheet HTML 103Page - Analog Devices ADV7183ABST Datasheet HTML 104Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 104 / 104 page
background image
ADV7183A
Rev. A | Page 104 of 104
OUTLINE DIMENSIONS
1.45
1.40
1.35
0.15
0.05
61
60
1
80
20
41
21
40
TOP VIEW
(PINS DOWN)
PIN 1
SEATING
PLANE
VIEW A
1.60
MAX
0.75
0.60
0.45
0.20
0.09
0.10 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
10°
6°
2°
7°
3.5°
0°
14.00
BSC SQ
16.00
BSC SQ
0.65
BSC
0.38
0.32
0.22
COMPLIANT TO JEDEC STANDARDS MS-026-BEC
Figure 43. 80-Lead Low Profile Quad Flat Package [LQFP]
(ST-80-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADV7183AKST
–25°C to +70°C
Low Profile Quad Flat Package (LQFP)
ST-80-2
ADV7183ABST
–40°C to +85°C
Low Profile Quad Flat Package (LQFP)
ST-80-2
EVAL-ADV7183AEBM
Evaluation Board
Note: The ADV7183A is a Pb-free environmentally friendly product. It is manufactured using the most up-to-date materials and
processes. The coating on the leads of each device is 100% pure Sn electroplate. The device is suitable for Pb-free applications, and can
withstand surface-mount soldering at up to 255°C (±5°C).
In addition, it is backward-compatible with conventional SnPb soldering processes. This means the electroplated Sn coating can be
soldered with Sn/Pb solder pastes at conventional reflow temperatures of 220°C to 235°C.
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04821–0–6/04(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com