Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 18 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 18 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 14Page - TEKTRONIX, INC. SC3 Datasheet HTML 15Page - TEKTRONIX, INC. SC3 Datasheet HTML 16Page - TEKTRONIX, INC. SC3 Datasheet HTML 17Page - TEKTRONIX, INC. SC3 Datasheet HTML 18Page - TEKTRONIX, INC. SC3 Datasheet HTML 19Page - TEKTRONIX, INC. SC3 Datasheet HTML 20Page - TEKTRONIX, INC. SC3 Datasheet HTML 21Page - TEKTRONIX, INC. SC3 Datasheet HTML 22Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Acquisition system
Acquisition modes
Sample
Acquire sampled values.
Peak Detect
Captures glitches as narrow as 1.5 ns (1 GHz models), 2.0 ns (500 MHz models), 3.0 ns (350 MHz models), 5.0 ns (200 MHz
models), 7.0 ns (100 MHz models) at all sweep speeds
Averaging
From 2 to 512 waveforms included in average.
Envelope
Min-max envelope reflecting Peak Detect data over multiple acquisitions. Number of waveforms in the envelope selectable
between 1 and 2000 and infinity
Hi Res
Real-time boxcar averaging reduces random noise and increases vertical resolution.
Roll
Scrolls waveforms right to left across the screen at sweep speeds slower than or equal to 40 ms/div.
FastAcq®
FastAcq optimizes the instrument for analysis of dynamic signals and capture of infrequent events, capturing >280,000 wfms/s on
1 GHz models and >235,000 wfms/s on 100 MHz – 500 MHz models.
Waveform measurements
Cursors
Waveform and Screen
Automatic measurements
(time domain)
30, of which up to four can be displayed on-screen at any one time. Measurements include: Period, Frequency, Delay, Rise Time,
Fall Time, Positive Duty Cycle, Negative Duty Cycle, Positive Pulse Width, Negative Pulse Width, Burst Width, Phase, Positive
Overshoot, Negative Overshoot, Total Overshoot, Peak to Peak, Amplitude, High, Low, Max, Min, Mean, Cycle Mean, RMS, Cycle
RMS, Positive Pulse Count, Negative Pulse Count, Rising Edge Count, Falling Edge Count, Area and Cycle Area.
Automatic measurements
(frequency domain)
3, of which one can be displayed on-screen at any one time. Measurements include Channel Power, Adjacent Channel Power
Ratio (ACPR), and Occupied Bandwidth (OBW)
Measurement statistics
Mean, Min, Max, Standard Deviation.
Reference levels
User-definable reference levels for automatic measurements can be specified in either percent or units.
Gating
Isolate the specific occurrence within an acquisition to take measurements on, using either the screen or waveform cursors.
Waveform math
Arithmetic
Add, subtract, multiply, and divide waveforms.
Math functions
Integrate, differentiate, FFT
FFT
Spectral magnitude. Set FFT Vertical Scale to Linear RMS or dBV RMS, and FFT Window to Rectangular, Hamming, Hanning, or
Blackman-Harris.
Spectrum math
Add or subtract frequency-domain traces.
Advanced math
Define extensive algebraic expressions including waveforms, reference waveforms, math functions (FFT, Intg, Diff, Log, Exp, Sqrt,
Abs, Sine, Cosine, Tangent, Rad, Deg), scalars, up to two user-adjustable variables and results of parametric measurements
(Period, Freq, Delay, Rise, Fall, PosWidth, NegWidth, BurstWidth, Phase, PosDutyCycle, NegDutyCycle, PosOverShoot,
NegOverShoot, TotalOverShoot, PeakPeak, Amplitude, RMS, CycleRMS, High, Low, Max, Min, Mean, CycleMean, Area,
CycleArea, and trend plots). For example, (Intg(Ch1 - Mean(Ch1)) × 1.414 × VAR1)
Datasheet
18 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com