Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 9 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 9 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 5Page - TEKTRONIX, INC. SC3 Datasheet HTML 6Page - TEKTRONIX, INC. SC3 Datasheet HTML 7Page - TEKTRONIX, INC. SC3 Datasheet HTML 8Page - TEKTRONIX, INC. SC3 Datasheet HTML 9Page - TEKTRONIX, INC. SC3 Datasheet HTML 10Page - TEKTRONIX, INC. SC3 Datasheet HTML 11Page - TEKTRONIX, INC. SC3 Datasheet HTML 12Page - TEKTRONIX, INC. SC3 Datasheet HTML 13Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Spectrogram
The 3 Series MDO includes a spectrogram display which is ideal for
monitoring slowly changing RF phenomena. The x-axis represents
frequency, just like a typical spectrum display. However, the y-axis
represents time, and color is used to indicate amplitude.
Spectrogram slices are generated by taking each spectrum and "flipping it
up on its edge" so that it's one pixel row tall, and then assigning colors to
each pixel based on the amplitude at that frequency. Cold colors (blue,
green) are low amplitude and hotter colors (yellow, red) are higher
amplitude. Each new acquisition adds another slice at the bottom of the
spectrogram and the history moves up one row. When acquisitions are
stopped, you can scroll back through the spectrogram to look at any
individual spectrum slice.
Spectrogram display illustrates slowly moving RF phenomena. As shown here, a signal
that has multiple peaks is being monitored. As the peaks change in both frequency and
amplitude over time, the changes are easily seen in the Spectrogram display.
Ultra-wide capture bandwidth
Today's wireless communications vary significantly with time, using
sophisticated digital modulation schemes and, often, transmission
techniques that involve bursting the output. These modulation schemes can
have very wide bandwidth as well. Traditional swept or stepped spectrum
analyzers are ill equipped to view these types of signals as they are only
able to look at a small portion of the spectrum at any one time.
The amount of spectrum acquired in one acquisition is called the capture
bandwidth. Traditional spectrum analyzers sweep or step the capture
bandwidth through the desired span to build the requested image. As a
result, while the spectrum analyzer is acquiring one portion of the spectrum,
the event you care about may be happening in another portion of the
spectrum. Most spectrum analyzers on the market today have 10 MHz
capture bandwidths, sometimes with expensive options to extend that to
20, 40, or even 160 MHz in some cases.
In order to address the bandwidth requirements of modern RF, the 3 Series
MDO provides up to 3 GHz of capture bandwidth. The spectrum is
generated from a single acquisition, thus guaranteeing you'll see the events
you're looking for in the frequency domain.
Spectral display of a bursted communication both into a device through Zigbee at
900 MHz and out of the device through Bluetooth at 2.4 GHz, captured with a single
acquisition.
Spectrum traces
The 3 Series MDO spectrum analyzer offers four different traces or views
including Normal, Average, Max Hold, and Min Hold.
Normal, Average, Max Hold, and Min Hold spectrum traces
3 Series MDO
www.tek.com 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com