Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 14 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 14 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 10Page - TEKTRONIX, INC. SC3 Datasheet HTML 11Page - TEKTRONIX, INC. SC3 Datasheet HTML 12Page - TEKTRONIX, INC. SC3 Datasheet HTML 13Page - TEKTRONIX, INC. SC3 Datasheet HTML 14Page - TEKTRONIX, INC. SC3 Datasheet HTML 15Page - TEKTRONIX, INC. SC3 Datasheet HTML 16Page - TEKTRONIX, INC. SC3 Datasheet HTML 17Page - TEKTRONIX, INC. SC3 Datasheet HTML 18Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
The 3 Series MDO compact form factor frees up valuable space on your bench or
desktop while making sure you will always have the debug tools you need.
Accurate high-speed probing
The 3 Series MDO ships standard with passive voltage probes and uses
the TekVPI probe interface.
Standard passive voltage probes
The 3 Series MDO include passive voltage probes with industry best
capacitive loading of only 3.9 pF. The included TPP probes minimize the
impact on devices under test and accurately deliver signals to the
oscilloscope for acquisition and analysis. The following table shows which
TPP probes come standard with each 3 Series MDO model.
3 Series models: MDO32, MDO34
Included probe
100 MHz, 200 MHz
TPP0250: 250 MHz, 10x passive voltage
probe. One per analog channel.
350 MHz, 500 MHz, 1 GHz
TPP0500B: 500 MHz, 10x passive
voltage probe. One per analog channel.
TekVPI probe interface
The TekVPI probe interface sets the standard for ease of use in probing. In
addition to the secure, reliable connection that the interface provides,
TekVPI probes feature status indicators and controls, as well as a probe
menu button right on the comp box itself. This button brings up a probe
menu on the oscilloscope display with all relevant settings and controls for
the probe. The TekVPI interface enables direct attachment of current
probes without requiring a separate power supply. TekVPI probes can be
controlled remotely through USB, GPIB, or LAN, enabling more versatile
solutions in ATE environments. The instrument provides up to 25 W of
power to the front panel connectors from the internal power supply.
TekVPI probe interface simplifies connecting your probes to the oscilloscope.
Datasheet
14 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com