Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 33 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 33 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 28Page - TEKTRONIX, INC. SC3 Datasheet HTML 29Page - TEKTRONIX, INC. SC3 Datasheet HTML 30Page - TEKTRONIX, INC. SC3 Datasheet HTML 31Page - TEKTRONIX, INC. SC3 Datasheet HTML 32Page - TEKTRONIX, INC. SC3 Datasheet HTML 33Page - TEKTRONIX, INC. SC3 Datasheet HTML 34Page - TEKTRONIX, INC. SC3 Datasheet HTML 35Page - TEKTRONIX, INC. SC3 Datasheet HTML 36Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Other RF probes
Contact Beehive Electronics to order: http://beehive-electronics.com/probes.html
101A
EMC probe set
150A
EMC probe amplifier
110A
Probe cable
0309-0001
SMA probe adapter
0309-0006
BNC probe adapter
Future instrument upgrades after purchase
Instrument upgrades
The 3 Series MDO products offer a number of ways to add functionality after the initial purchase. Listed below are the various product upgrades available and the method of
upgrade used for each product.
Post-purchase instrument options The following products are sold as stand-alone products and can be purchased at any time to add functionality to a 3 Series MDO
product. Software option key products require that the instrument model and serial number be provided at the time of purchase.
The software option key is specific to the model and serial number combination. One-time, permanent upgrade to any model
enabled through software option key.
SUP3 AFG
Add arbitrary function generator to any 3 Series MDO product.
SUP3 MSO
Add 16 digital channels; includes P6316 digital probe and accessories .
SUP3 SA1
Add spectrum analyzer; frequency range from 9 kHz to 1 GHz and capture bandwidth to 1 GHz.
SUP3 SA3
Add spectrum analyzer; frequency range from 9 kHz to 3 GHz and capture bandwidth to 3 GHz.
SUP3 SEC
Add enhanced instrument security to enable password protected control of turning on/off all instrument ports and instrument
firmware update functionality.
SUP3 BND
Add an application bundle (includes all serial options and power analysis option).
SUP3 SRAERO
Add aerospace serial triggering and analysis (MIL-STD-1553, ARINC429).
SUP3 SRAUDIO
Add audio serial triggering and analysis (I2S, LJ, RJ, TDM).
SUP3 SRAUTO
Add automotive serial triggering and analysis (CAN, CAN FD, LIN, FlexRay).
SUP3 SRCOMP
Add computer serial triggering and analysis (RS-232/422/485/UART).
SUP3 SREMBD
Add embedded serial triggering and analysis (I2C, SPI).
SUP3 SRUSB2
Add USB serial triggering and analysis (USB 2.0 LS, FS, HS).
SUP3 PWR
Add power measurement and analysis.
SUP3 T3
Three Year Total Protection Plaln, includes repair or replacement coverage from wear and tear, accidental damage, ESD or EOS
plus preventative maintenance, including a 5 day turnaround time and priority acdess to customer support.
SUP3 T5
Five Year Total Protection Plaln, includes repair or replacement coverage from wear and tear, accidental damage, ESD or EOS
plus preventative maintenance, including a 5 day turnaround time and priority acdess to customer support.
3 Series MDO
www.tek.com 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com