Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 26 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 26 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 22Page - TEKTRONIX, INC. SC3 Datasheet HTML 23Page - TEKTRONIX, INC. SC3 Datasheet HTML 24Page - TEKTRONIX, INC. SC3 Datasheet HTML 25Page - TEKTRONIX, INC. SC3 Datasheet HTML 26Page - TEKTRONIX, INC. SC3 Datasheet HTML 27Page - TEKTRONIX, INC. SC3 Datasheet HTML 28Page - TEKTRONIX, INC. SC3 Datasheet HTML 29Page - TEKTRONIX, INC. SC3 Datasheet HTML 30Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Digital Voltmeter
(Free with product registration)
Source
Channel 1, Channel 2, Channel 3, Channel 4
Measurement types
ACrms, DCrms, AC+DCrms (reads out in volts or amps); frequency count
Resolution
Voltage: 4 digits
Frequency: 5 digits
Frequency accuracy
±(10 µHz/Hz + 1 count)
Measuring rate
100 times/second; measurements updated on the display 4 times/second
Vertical settings autorange
Automatic adjustment of vertical settings to maximize measurement dynamic range; available for any non-trigger source
Graphical measurement
Graphical indication of minimum, maximum, current value, and five second rolling range
General Product Specifications
Display system
Display type
11.6 in. (295 mm) TFT LCD with capacitive touch
Display resolution
1920 horizontal × 1080 vertical HD
Interpolation
Sin(x)/x
Waveform styles
Vectors, Dots, Variable Persistence, Infinite Persistence
FastAcq. palettes
Temperature, Spectral, Normal, Inverted
Graticules
Full, Grid, Solid, Cross Hair, Frame, IRE and mV
Format
YT, XY, and simultaneous XY/YT
Maximum waveform capture rate
>280,000 wfms/s in FastAcq acquisition mode on 1 GHz models
>230,000 wfms/s in FastAcq acquisition mode on 100 MHz – 500 MHz models
>50,000 wfms/s in DPO acquisition mode on all models
Datasheet
26 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com