Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 15 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 15 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 11Page - TEKTRONIX, INC. SC3 Datasheet HTML 12Page - TEKTRONIX, INC. SC3 Datasheet HTML 13Page - TEKTRONIX, INC. SC3 Datasheet HTML 14Page - TEKTRONIX, INC. SC3 Datasheet HTML 15Page - TEKTRONIX, INC. SC3 Datasheet HTML 16Page - TEKTRONIX, INC. SC3 Datasheet HTML 17Page - TEKTRONIX, INC. SC3 Datasheet HTML 18Page - TEKTRONIX, INC. SC3 Datasheet HTML 19Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Specifications
All specifications are guaranteed unless noted otherwise. All specifications apply to all models unless noted otherwise.
MDO32 and MDO34
Analog channel bandwidth 100 MHz
100 MHz
200 MHz
200 MHz
350 MHz
350 MHz
500 MHz
500 MHz
1 GHz
1 GHz
Analog channels
2
4
2
4
2
4
2
4
2
4
Rise time (typical,
calculated)
(10 mV/div setting with
50 Ω input termination)
4 ns
4 ns
2 ns
2 ns
1.14 ns
1.14 ns
800 ps
800 ps
400 ps
400 ps
Sample rate (1 ch)
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
5 GS/s
5 GS/s
Sample rate (2 ch)
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
5 GS/s
5 GS/s
Sample rate (4 ch)
-
2.5 GS/s
-
2.5 GS/s
-
2.5 GS/s
-
2.5 GS/s
-
2.5 GS/s
Record length (1 ch)
10 M
10 M
10 M
10 M
10 M
10 M
10 M
10 M
10 M
10 M
Record length (2 ch)
10 M
10 M
10 M
10 M
10 M
10 M
10 M
10 M
10 M
10 M
Record length (4 ch)
-
10 M
-
10 M
-
10 M
-
10 M
-
10 M
Digital channels with 3-
MSO option
16
16
16
16
16
16
16
16
16
16
Arbitrary Function
Generator outputs with 3-
AFG option
1
1
1
1
1
1
1
1
1
1
Spectrum analyzer
channels
1
1
1
1
1
1
1
1
1
1
Optional spectrum
analyzer frequency range
with 3-SA1 option
9 kHz -
1 GHz
9 kHz -
1 GHz
9 kHz -
1 GHz
9 kHz -
1 GHz
9 kHz -
1 GHz
9 kHz -
1 GHz
9 kHz -
1 GHz
9 kHz -
1 GHz
9 kHz -
1 GHz
9 kHz -
1 GHz
Optional spectrum
analyzer frequency range
with 3-SA3 option
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
Oscilloscope
Vertical system analog channels
Hardware bandwidth limits
≥350 MHz models
20 MHz or 250 MHz
100 MHz and 200 MHz models 20 MHz
Input coupling
AC, DC
Input impedance
1 MΩ ±1%, 50 Ω ±1%
Input sensitivity range
1 MΩ
1 mV/div to 10 V/div
50 Ω
1 mV/div to 1 V/div
Vertical resolution
8 bits (11 bits with Hi Res)
3 Series MDO
www.tek.com 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com