Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 34 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 34 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 28Page - TEKTRONIX, INC. SC3 Datasheet HTML 29Page - TEKTRONIX, INC. SC3 Datasheet HTML 30Page - TEKTRONIX, INC. SC3 Datasheet HTML 31Page - TEKTRONIX, INC. SC3 Datasheet HTML 32Page - TEKTRONIX, INC. SC3 Datasheet HTML 33Page - TEKTRONIX, INC. SC3 Datasheet HTML 34Page - TEKTRONIX, INC. SC3 Datasheet HTML 35Page - TEKTRONIX, INC. SC3 Datasheet HTML 36Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Bandwidth upgrade options
Instrument bandwidth can be upgraded on any 3 Series MDO product after initial purchase. Bandwidth upgrades are purchased
based on the combination of the current bandwidth and the desired bandwidth. Software option key products depend on
instrument model and serial number combination. Bandwidth upgrades up to 500 MHz can be performed in the field, while
upgrades to 1 GHz require installation at a Tektronix service center.
Model to be upgraded
Bandwidth before upgrade
Bandwidth after upgrade
Order option
MDO32
100 MHz
200 MHz
SUP3 BW1T22
100 MHz
350 MHz
SUP3 BW1T32
100 MHz
500 MHz
SUP3 BW1T52
100 MHz
1 GHz
SUP3 BW1T102
200 MHz
350 MHz
SUP3 BW2T32
200 MHz
500 MHz
SUP3 BW2T52
200 MHz
1 GHz
SUP3 BW2T102
350 MHz
500 MHz
SUP3 BW3T52
350 MHz
1 GHz
SUP3 BW3T102
500 MHz
1 GHz
SUP3 BW5T102
MDO34
100 MHz
200 MHz
SUP3 BW1T24
100 MHz
350 MHz
SUP3 BW1T34
100 MHz
500 MHz
SUP3 BW1T54
100 MHz
1 GHz
SUP3 BW1T104
200 MHz
350 MHz
SUP3 BW2T34
200 MHz
500 MHz
SUP3 BW2T54
200 MHz
1 GHz
SUP3 BW2T104
350 MHz
500 MHz
SUP3 BW3T54
350 MHz
1 GHz
SUP3 BW3T104
500 MHz
1 GHz
SUP3 BW5T104
Tektronix is registered to ISO 9001 and ISO 14001 by SRI Quality System Registrar.
Product(s) complies with IEEE Standard 488.1-1987, RS-232-C, and with Tektronix Standard Codes and Formats.
Datasheet
34 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com