Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 24 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 24 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 20Page - TEKTRONIX, INC. SC3 Datasheet HTML 21Page - TEKTRONIX, INC. SC3 Datasheet HTML 22Page - TEKTRONIX, INC. SC3 Datasheet HTML 23Page - TEKTRONIX, INC. SC3 Datasheet HTML 24Page - TEKTRONIX, INC. SC3 Datasheet HTML 25Page - TEKTRONIX, INC. SC3 Datasheet HTML 26Page - TEKTRONIX, INC. SC3 Datasheet HTML 27Page - TEKTRONIX, INC. SC3 Datasheet HTML 28Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Logic Analyzer
(Requires 3-MSO option)
Vertical system digital channels
Input channels
16 digital (D15 to D0)
Thresholds
Threshold per set of 8 channels
Threshold selections
TTL, CMOS, ECL, PECL, User-defined
User-defined threshold range
-15 V to +25 V
Maximum input voltage
-20 V to +30 V
Threshold accuracy
±[130mV + 3% of threshold setting]
Input dynamic range
50 Vp-p (threshold setting dependent)
Minimum voltage swing
500 mV
Input resistance
101 kΩ
Probe loading
8 pF
Vertical resolution
1 bit
Horizontal system digital channels
Maximum sample rate (Main)
500 MS/s (2 ns resolution)
Maximum record length (Main)
10 M
Maximum sample rate (MagniVu)
8.25 GS/s (121.2 ps resolution)
Maximum record length (MagniVu
10k centered on the trigger
Minimum detectable pulse width
(typical)
2 ns
Channel-to-channel skew (typical) 500 ps
Maximum input toggle rate
250 MHz (Maximum frequency sine wave that can accurately be reproduced as a logic square wave. Requires the use of a short
ground extender on each channel. This is the maximum frequency at the minimum swing amplitude. Higher toggle rates can be
achieved with higher amplitudes.)
Datasheet
24 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com