Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 28 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 28 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 24Page - TEKTRONIX, INC. SC3 Datasheet HTML 25Page - TEKTRONIX, INC. SC3 Datasheet HTML 26Page - TEKTRONIX, INC. SC3 Datasheet HTML 27Page - TEKTRONIX, INC. SC3 Datasheet HTML 28Page - TEKTRONIX, INC. SC3 Datasheet HTML 29Page - TEKTRONIX, INC. SC3 Datasheet HTML 30Page - TEKTRONIX, INC. SC3 Datasheet HTML 31Page - TEKTRONIX, INC. SC3 Datasheet HTML 32Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Power source
Power source voltage
100 to 240 V ±10%
Power source frequency
50 to 60 Hz at 100 to 240 V
400 Hz ±10% at 115 V
Power consumption
130 W maximum
Physical characteristics
Dimensions
Height
252 mm (9.93 in.)
Width
370 mm (14.57 in.)
Depth
148.6 mm (5.85 in.)
Weight
Net
MDO34 1GHz: 11.7 lbs (5.31 kg)
MDO32 1GHz: 11.6 lbs (5.26 kg)
Shipping
17.4 lbs (7.89 kg)
Rackmount configuration
6U
Cooling clearance
2 in. (50.8 mm) required on right side (facing the instrument) and rear of instrument
EMC and safety
Temperature
Operating
0 °C to +55 °C (+32 °F to +131 °F)
Non-operating
–40 °C to +71 °C (–40 °F to +160 °F)
Humidity
Operating
5% to 90% relative humidity (% RH) at up to +40 °C
5% to 60% RH above +40 °C up to +55 °C, non-condensing, and as limited by a maximum wet-bulb temperature of +39 °C
Non-operating
5% to 90% relative humidity up to +40 °C,
5% to 60% relative humidity above +40 °C up to +55 °C
5% to 40% relative humidity above +55 °C up to +71 °C, non-condensing, and as limited by a maximum wet-bulb temperature of
+39 °C
Altitude
Operating
3,000 m (9,843 feet)
Non-operating
12,000 m (39,370 feet)
Regulatory
Electromagnetic compatibility EC Council Directive 2004/108/EC
Safety
UL61010-1:2004, CAN/CSA-C22.2 No. 61010.1: 2004, Low Voltage Directive 2006/95/EC and EN61010-1:2001, IEC
61010-1:2001, ANSI 61010-1-2004, ISA 82.02.01
Datasheet
28 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com