Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 23 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 23 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 19Page - TEKTRONIX, INC. SC3 Datasheet HTML 20Page - TEKTRONIX, INC. SC3 Datasheet HTML 21Page - TEKTRONIX, INC. SC3 Datasheet HTML 22Page - TEKTRONIX, INC. SC3 Datasheet HTML 23Page - TEKTRONIX, INC. SC3 Datasheet HTML 24Page - TEKTRONIX, INC. SC3 Datasheet HTML 25Page - TEKTRONIX, INC. SC3 Datasheet HTML 26Page - TEKTRONIX, INC. SC3 Datasheet HTML 27Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Lorentz
Frequency range (typical)
0.1 Hz to 5 MHz
Amplitude range
20 mVp-p to 2.4 Vp-p into Hi-Z; 10 mVp-p to 1.2 Vp-p into 50 Ω
Exponential Rise / Decay
Frequency range (typical)
0.1 Hz to 5 MHz
Amplitude range
20 mVp-p to 2.5 Vp-p into Hi-Z; 10 mVp-p to 1.25 Vp-p into 50 Ω
Haversine
Frequency range (typical)
0.1 Hz to 5 MHz
Amplitude range
20 mVp-p to 2.5 Vp-p into Hi-Z; 10 mVp-p to 1.25 Vp-p into 50 Ω
Cardiac (typical)
Frequency range
0.1 Hz to 500 kHz
Amplitude range
20 mVp-p to 5 Vp-p into Hi-Z; 10 mVp-p to 2.5 Vp-p into 50 Ω
Arbitrary
Memory depth
1 to 128 k
Amplitude range
20 mVp-p to 5 Vp-p into Hi-Z; 10 mVp-p to 2.5 Vp-p into 50 Ω
Repetition rate
0.1 Hz to 25 MHz
Sample rate
250 MS/s
Frequency accuracy
Sine wave and ramp
130 ppm (frequency < 10 kHz)
50 ppm (frequency ≥ 10 kHz)
Square wave and pulse
130 ppm (frequency < 10 kHz)
50 ppm (frequency ≥ 10 kHz)
Resolution
0.1 Hz or 4 digits; whichever is larger
Signal amplitude accuracy
±[ (1.5% of peak-to-peak amplitude setting) + (1.5% of DC offset setting) + 1 mV ] (frequency = 1 kHz)
DC offset
DC offset range
±2.5 V into Hi-Z;
±1.25 V into 50 Ω
DC offset resolution
1 mV into Hi-Z;
500 uV into 50 Ω
DC offset accuracy
±[(1.5% of absolute offset voltage setting) + 1 mV] Add 3 mV for every 10 °C change from 25 °C
3 Series MDO
www.tek.com 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com