Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 16 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 16 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 12Page - TEKTRONIX, INC. SC3 Datasheet HTML 13Page - TEKTRONIX, INC. SC3 Datasheet HTML 14Page - TEKTRONIX, INC. SC3 Datasheet HTML 15Page - TEKTRONIX, INC. SC3 Datasheet HTML 16Page - TEKTRONIX, INC. SC3 Datasheet HTML 17Page - TEKTRONIX, INC. SC3 Datasheet HTML 18Page - TEKTRONIX, INC. SC3 Datasheet HTML 19Page - TEKTRONIX, INC. SC3 Datasheet HTML 20Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Maximum input voltage
1 MΩ
300 VRMS CAT II with peaks ≤ ±425 V
50 Ω
5 VRMS with peaks ≤ ±20 V
DC gain accuracy
±1.5% for 5 mV/div and above, derated at 0.10%/°C above 30 °C
±2.0% for 2 mV/div, derated at 0.10%/°C above 30 °C
±2.5% for 1 mV/div, derated at 0.10%/°C above 30 °C
±3.0% for variable gain, derated 0.10%/°C above 30 °C
Channel-to-channel isolation
(typical)
Any two channels at equal vertical scale ≥100:1 at ≤100 MHz and ≥30:1 at >100 MHz up to the rated bandwidth
Random noise, sample acquisition
mode, 50 Ω termination setting,
full bandwidth, typical
1 mV/div
100 mV/div
1 V/div
1 GHz
-
1.98 mV
17.07 mV
500 MHz
-
1.54 mV
13.47 mV
350 MHz
-
1.7 mV
12.7 mV
200 MHz
111 µV
1.6 mV
15.19 mV
100 MHz
98 µV
1.38 mV
15.87 mV
Offset range
Volts/div setting
Offset range
1 M Ω input
50 Ω input
1 mV/div to 50 mV/div
±1 V
±1 V
50.5 mV/div to 99.5 mV/div
±0.5 V
±0.5 V
100 mV/div to 500 mV/div
±10 V
±10 V
505 mV/div to 995 mV/div
±5 V
±5 V
1 V/div to 10 V/div
±100 V
±5 V
Horizontal system analog channels
Time base range
1 GHz models
400 ps/div to 1000 s/div
≤ 500 MHz models
1 ns/div to 1000 s/div
Maximum duration at highest
sample rate (all/half channels)
1 GHz models
4/2 ms
≤ 500 MHz models
4/4 ms
Time-base delay time range
-10 divisions to 5000 s
Channel-to-channel deskew range ±125 ns
Time base accuracy
±10 ppm over any ≥1 ms interval
Datasheet
Vertical system analog channels
16 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com