Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB3 Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 126Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 127Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 128Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 129Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 130Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 131Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 132Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 133Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 134Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 131 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
MOTOROLA
REV 1
A-5
Figure A-2. EPROM Programming Sequence
A.6
EPROM PROGRAMMING SPECIFICATIONS
Table A-1. EPROM Programming Electrical Characteristics
(VDD = 4.2V to 5.5V, VSS = 0 Vdc, TA = 0°C to +70°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Programming Voltage
IRQ/VPP
VPP
10
12
15
V
Programming Current
IRQ/VPP
IPP
—3—
mA
Programming Time
per byte
tEPGM
1
4
—ms
START
ELAT=1
Write EPROM byte
PGM=1
Wait 1ms
PGM=0
ELAT=0
Write
additional
byte?
N
Y
END
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com