Electronic Components Datasheet Search
  English  ▼

X  

AD7739 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7739
Description  8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7739 Datasheet(HTML) 1 Page - Analog Devices

  AD7739 Datasheet HTML 1Page - Analog Devices AD7739 Datasheet HTML 2Page - Analog Devices AD7739 Datasheet HTML 3Page - Analog Devices AD7739 Datasheet HTML 4Page - Analog Devices AD7739 Datasheet HTML 5Page - Analog Devices AD7739 Datasheet HTML 6Page - Analog Devices AD7739 Datasheet HTML 7Page - Analog Devices AD7739 Datasheet HTML 8Page - Analog Devices AD7739 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
8-Channel, High Throughput,
24-Bit ∑-∆ ADC
AD7739
FEATURES
High resolution ADC
24 bits no missing codes
±0.0015% nonlinearity
Optimized for fast channel switching
18-bit p-p resolution (21 bits effective) at 500 Hz
16-bit p-p resolution (19 bits effective) at 4 kHz
On-chip per channel system calibration
Configurable inputs
8 single-ended or 4 fully differential
Input ranges
+625 mV, ±625 mV, +1.25 V, ±1.25 V, +2.5 V, ±2.5 V
3-wire serial interface
SPI®, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on logic inputs
Single-supply operation
5 V analog supply
3 V or 5 V digital supply
Package: 24-lead TSSOP
APPLICATIONS
PLCs/DCSs
Multiplexing applications
Process control
Industrial instrumentation
GENERAL DESCRIPTION
The AD7739 is a high precision, high throughput analog front
end. True 16-bit p-p resolution is achievable with a total
conversion time of 250 µs (4 kHz channel switching), making it
ideally suited to high resolution multiplexing applications.
The part can be configured via a simple digital interface, which
allows users to balance the noise performance against data
throughput up to 15 kHz.
The analog front end features eight single-ended or four fully
differential input channels with unipolar or bipolar 625 mV,
1.25 V, and 2.5 V input ranges. It accepts a common-mode input
voltage from 200 mV above AGND to AVDD – 300 mV.
The differential reference input features “No-Reference” detect
capability. The ADC also supports per channel system
calibration options.
FUNCTIONAL BLOCK DIAGRAM
SCLK
DIN
DOUT
CS
RDY
RESET
SERIAL
INTERFACE
CONTROL
LOGIC
AIN4
AIN5
AIN6
AIN7
MUX
AINCOM/P0
AIN0
AIN1
AIN2
AIN3
REFERENCE
DETECT
REFIN(–)
REFIN(+)
I/O PORT
SYNC/P1
CLOCK
GENERATOR
24-BIT
Σ-∆ ADC
BUFFER
AD7739
CALIBRATION
CIRCUITRY
DGND
DVDD
MCLKIN
MCLKOUT
AGND AVDD
03742-0-001
Figure 1.
The digital serial interface can be configured for 3-wire
operation and is compatible with microcontrollers and digital
signal processors. All interface inputs are Schmitt triggered.
The part is specified for operation over the extended industrial
temperature range of –40°C to +105°C.
Other parts in the AD7739 family are the AD7738, AD7734,
and AD7732.
The AD7738 is similar to the AD7739 but has higher speed
(8.5 kHz channel switching for 16-bit performance) and higher
AIN leakage current. The AD7738 multiplexer output is pinned
out externally, allowing the user to implement programmable
gain or signal conditioning before being applied to the ADC.
The AD7734 analog front end features four single-ended input
channels with unipolar or true bipolar input ranges to ±10 V
while operating from a single +5 V analog supply. The AD7734
accepts an analog input overvoltage to ±16.5 V without
degrading the performance of the adjacent channels.
The AD7732 is similar to the AD7734, but its analog front end
features two fully differential input channels.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD7739

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7739 AD-AD7739 Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7739 AD-AD7739 Datasheet
604Kb / 33P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
A
AD7739BRU AD-AD7739BRU Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7739BRU AD-AD7739BRU Datasheet
604Kb / 33P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
A
AD7739BRU-REEL AD-AD7739BRU-REEL Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
More results

Similar Description - AD7739

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7731 AD-AD7731 Datasheet
411Kb / 44P
Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV.0
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7738BRUZ AD-AD7738BRUZ Datasheet
412Kb / 28P
8-Channel, High Throughput, 24-Bit - ADC
REV. 0
AD7738BRUZ-REEL7 AD-AD7738BRUZ-REEL7 Datasheet
342Kb / 28P
8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731_15 Datasheet
1,008Kb / 44P
Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7734 AD-AD7734_17 Datasheet
700Kb / 33P
4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
B
AD7738 AD-AD7738_17 Datasheet
417Kb / 29P
8-Channel, High Throughput, 24-Bit ADC
0
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com