Electronic Components Datasheet Search
  English  ▼

X  

AD7739 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7739
Description  8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7739 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7739 Datasheet HTML 5Page - Analog Devices AD7739 Datasheet HTML 6Page - Analog Devices AD7739 Datasheet HTML 7Page - Analog Devices AD7739 Datasheet HTML 8Page - Analog Devices AD7739 Datasheet HTML 9Page - Analog Devices AD7739 Datasheet HTML 10Page - Analog Devices AD7739 Datasheet HTML 11Page - Analog Devices AD7739 Datasheet HTML 12Page - Analog Devices AD7739 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD7739
Rev. 0 | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
16
17
18
19
20
21
22
23
24
25
5
6
7
8
9
10
1112
1314
15
FILTER WORD
03742-0-005
CHOP = 1
Figure 5. No Missing Codes Performance, Chopping Enabled
16
17
18
19
20
21
22
23
24
25
5
6
7
8
9
10
1112
1314
15
FILTER WORD
03742-0-006
CHOP = 0
Figure 6. No Missing Codes Performance, Chopping Disabled
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
200
400
600
800
1000
1200
1400
INPUT FREQUENCY (Hz)
03742-0-007
THD = 110dB
Figure 7. Typical FFT Plot; Input Sine Wave 183 Hz,1.2 V Peak, AIN Range
±1.25 V, Conversion Time 397 µs, Chopping Enabled, MCLK = 6.144 MHz
8
10
12
14
16
18
20
22
24
10
68
24
0
121416
OUTPUT DATA RATE (kHz)
03742-0-008
CHOP = 1
p-p
EFFECTIVE (rms)
Figure 8. Typical Effective and Peak-to-Peak Resolution; AIN Voltage = 0 V,
AIN Range ±1.25 V, Chopping Enabled, MCLK = 6.144 MHz
8
10
12
14
16
18
20
22
24
10
68
24
0
121416
OUTPUT DATA RATE (kHz)
03742-0-009
CHOP = 0
p-p
EFFECTIVE (rms)
Figure 9. Typical Effective and Peak-to-Peak Resolution; AIN Voltage = 0 V,
AIN Range ±1.25 V, Chopping Disabled, MCLK = 6.144 MHz
60
70
80
90
100
110
120
0
–0.5
–1.0
–1.5
0.5
1.0
1.5
AIN DIFFERENTIAL VOLTAGE (V)
03742-0-010
CHOP = 1
Figure 10. Typical Common-Mode Rejection vs. AIN Voltage; AIN Range
±1.25 V, Conversion Time 397 µs, Chopping Enabled, MCLK = 6.144 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com