Electronic Components Datasheet Search
  English  ▼

X  

AD7739 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7739
Description  8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7739 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7739 Datasheet HTML 8Page - Analog Devices AD7739 Datasheet HTML 9Page - Analog Devices AD7739 Datasheet HTML 10Page - Analog Devices AD7739 Datasheet HTML 11Page - Analog Devices AD7739 Datasheet HTML 12Page - Analog Devices AD7739 Datasheet HTML 13Page - Analog Devices AD7739 Datasheet HTML 14Page - Analog Devices AD7739 Datasheet HTML 15Page - Analog Devices AD7739 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD7739
Rev. 0 | Page 12 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD7739
AIN4
AIN5
AIN6
AIN7
SYNC/P1
SCLK
MCLKIN
MCLKOUT
CS
AINCOM/P0
AVDD
RESET
AIN3
AIN2
AIN1
AIN0
REFIN(+)
DGND
DVDD
DIN
DOUT
REFIN(–)
AGND
RDY
03742-0-011
Figure 11. Pin Configuration (24-Lead TSSOP)
DVDD
SERIAL
INTERFACE
CONTROL
LOGIC
MUX
REFERENCE
DETECT
I/O PORT
CLOCK
GENERATOR
24-BIT
Σ-∆ ADC
BUFFER
AD7739
CALIBRATION
CIRCUITRY
AVDD
SCLK
DIN
DOUT
CS
RDY
RESET
AIN4
AIN5
AIN6
AIN7
AINCOM/P0
AIN0
AIN1
AIN2
AIN3
REFIN(–)
REFIN(+)
SYNC/P1
DGND
DVDD
MCLKIN
MCLKOUT
AGND AVDD
03742-0-012
Figure 12. Block Diagram
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCLK
Serial Clock. Schmitt triggered logic input. An external serial clock is applied to this input
to transfer serial data to or from the AD7739.
2
MCLKIN
Master Clock Signal for the ADC. This can be provided in the form of a crystal/resonator or
external clock. A crystal/resonator can be tied across the MCLKIN and MCLKOUT pins.
Alternatively, MCLKIN can be driven with a CMOS compatible clock and MCLKOUT can be
left unconnected.
3
MCLKOUT
Master Clock Signal for the ADC. When the master clock for the device is a crystal/
resonator, the crystal/resonator is connected between MCLKIN and MCLKOUT. If an
external clock is applied to the MCLKIN, MCLKOUT provides an inverted clock signal or
can be switched off to reduce the device power consumption. MCLKOUT can drive one
CMOS load.
4
CS
Chip Select. Active low Schmitt triggered logic input with an internal pull-up resistor.
With this input hardwired low, the AD7739 can operate in its 3-wire interface mode using
SCLK, DIN, and DOUT. CS can be used to select the device in systems with more than one
device on the serial bus. It can also be used as an 8-bit frame synchronization signal.
5
RESET
Schmitt Triggered Logic Input. Active low input that resets the control logic, interface
logic, digital filter, analog modulator, and all on-chip registers of the part to power-on
status. Effectively, everything on the part except the clock oscillator is reset when the
RESET pin is exercised.
6
AVDD
Analog Positive Supply Voltage, 5 V to AGND Nominal.
7
AINCOM/P0
Analog Inputs Common Terminal/Digital Output. The function of this pin is determined
by the P0 DIR bit in the I/O port register; the digital value can be written as the P0 bit in
the I/O port register. The digital voltage is referenced to analog supplies. When
configured as an input (P0 DIR bit set to 1), the single-ended analog inputs 0 to 7
(AIN0–AIN7) can be referenced to this pin’s voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com