| Electronic Components Datasheet Search |
|
AD7739 Datasheet(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7739 Datasheet(HTML) 24 Page - Analog Devices |
|
24 / 32 page ![]() AD7739 Rev. 0 | Page 24 of 32 CONTINUOUS CONVERSION MODE When the mode register is being written, the ADC status byte is cleared and the RDY pin goes high, regardless of its previous state. When the continuous conversion command is written to the mode register, the ADC starts conversion on the channel selected by the address of the mode register. After the conversion is complete, the relevant channel data register and channel status register are updated, the relevant RDY bit in the ADC status register is set, and the AD7739 continues converting on the next enabled channel. The part will cycle through all enabled channels until put into another mode or reset. The cycle period will be the sum of all enabled channels’ conversion times, set by the corresponding channel conversion time registers. The RDY bit is reset when the relevant channel data register is being read. The behavior of the RDY pin depends on the RDYFN bit in the I/O port register. When the RDYFN bit is 0, the RDY pin goes low when any channel has unread data. When the RDYFN bit is set to 1, the RDY pin will go low only if all enabled channels have unread data. If an ADC conversion result has not been read before a new ADC conversion is completed, the new result will overwrite the previous one. The relevant RDY bit goes low and the RDY pin goes high for at least 163 MCLK cycles (~26.5 µs), indicating when the data register is updated, and the previous conversion data is lost. If the data register is being read as an ADC conversion completes, the data register will not be updated with the new result (to avoid data corruption) and the new conversion data is lost. Figure 19 shows the digital interface signal’s sequence for the continuous conversion mode with Channels 0 and 1 enabled and the RDYFN bit set to 0. The RDY pin goes low and the data register is read after each conversion. Figure 20 shows a similar sequence but with the RDYFN bit set to 1. The RDY pin goes low and all data registers are read after all conversions are completed. Figure 21 shows the RDY pin when no data is read from the AD7739. SERIAL INTERFACE START CONTINUOUS CONVERSION RDY CH0 CONVERSION READ DATA CH1 CH1 CONVERSION CH0 CONVERSION READ DATA CH0 CH1 CONVERSION READ DATA CH0 CH0 CONVERSION READ DATA CH1 03742-0-019 Figure 19. Continuous Conversion, CH0 and CH1, RDYFN = 0 SERIAL INTERFACE START CONTINUOUS CONVERSION RDY CH0 CONVERSION READ DATA CH1 CH1 CONVERSION CH0 CONVERSION READ DATA CH0 CH1 CONVERSION READ DATA CH0 CH0 CONVERSION READ DATA CH1 03742-0-020 Figure 20. Continuous Conversion, CH0 and CH1, RDYFN = 1 SERIAL INTERFACE START CONTINUOUS CONVERSION RDY CH0 CONVERSION CH1 CONVERSION CH0 CONVERSION CH1 CONVERSION CH0 CONVERSION 03742-0-021 Figure 21. Continuous Conversion, CH0 and CH1, No Data Read |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |