Electronic Components Datasheet Search
  English  ▼

X  

AD7739 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7739
Description  8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7739 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7739 Datasheet HTML 6Page - Analog Devices AD7739 Datasheet HTML 7Page - Analog Devices AD7739 Datasheet HTML 8Page - Analog Devices AD7739 Datasheet HTML 9Page - Analog Devices AD7739 Datasheet HTML 10Page - Analog Devices AD7739 Datasheet HTML 11Page - Analog Devices AD7739 Datasheet HTML 12Page - Analog Devices AD7739 Datasheet HTML 13Page - Analog Devices AD7739 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD7739
Rev. 0 | Page 10 of 32
OUTPUT NOISE AND RESOLUTION SPECIFICATION
The AD7739 can be operated with chopping enabled or
disabled, allowing the ADC to be programmed to optimize
either the offset drift performance or the throughput rate and
channel switching time. Noise tables for these two primary
modes of operation are outlined below for a selection of output
rates and settling times.
The AD7739 noise performance depends on the selected
chopping mode, the filter word (FW) value, and the selected
analog input range. The AD7739 noise will not vary
significantly with MCLK frequency.
CHOPPING ENABLED
The first mode, in which the AD7739 is configured with
chopping enabled (CHOP = 1), provides very low noise with
lower output rates.
Table 4 to Table 6 show the –3 dB frequencies and typical
performance versus the channel conversion time and equivalent
output data rate, respectively.
Table 4 shows the typical output rms noise. Table 5 shows the
typical effective resolution based on rms noise. Table 6 shows
the typical output peak-to-peak resolution, representing values
for which there will be no code flicker within a 6-sigma limit.
The peak-to-peak resolutions are not calculated based on rms
noise but on peak-to-peak noise.
These typical numbers are generated from 4096 data samples
acquired in continuous conversion mode with an analog input
voltage set to 0 V and MCLK = 6.144 MHz. The conversion
time is selected via the channel conversion time register.
Table 4. Typical Output RMS Noise in µV vs. Conversion Time and Input Range with Chopping Enabled
Input Range / RMS Noise (µV)
FW
Conversion
Time
Register
Conversion
Time
(µs)
Output Data
Rate
(Hz)
–3 dB
Frequency
(Hz)
±2.5 V, +2.5 V
±1.25 V, +1.25 V, ±0.625 V, +0.625 V
127
0xFF
2689
372
200
1.8
1.1
46
0xAE
1001
999
500
2.7
1.7
17
0x91
397
2519
1325
4.8
2.7
10
0x8A
251
3982
2209
9.3
4.7
9
0x89
230
4342
2450
10.8
6.3
2
0x82
84
11838
9500
600
460
Table 5. Typical Effective Resolution in Bits vs. Conversion Time and Input Range with Chopping Enabled
Input Range / Effective Resolution (Bits)
FW
Conversion
Time
Register
Conversion
Time
(µs)
Output Data
Rate
(Hz)
–3 dB
Frequency
(Hz)
±2.5 V
+2.5 V
±1.25 V
+1.25 V ±0.625 V +0.625 V
127
0xFF
2689
372
200
21.4
20.4
21.2
20.2
20.2
19.2
46
0xAE
1001
999
500
20.8
19.8
20.5
19.5
19.5
18.5
17
0x91
397
2519
1325
20.0
19.0
19.8
18.8
18.8
17.8
10
0x8A
251
3982
2209
19.0
18.0
19.0
18.0
18.0
17.0
9
0x89
230
4342
2450
18.8
17.8
18.6
17.6
17.6
16.6
2
0x82
84
11838
9500
12.9
11.9
12.4
11.4
11.4
10.4
Table 6. Typical Peak-to-Peak Resolution in Bits vs. Conversion Time and Input Range with Chopping Enabled
Input Range / Peak-to-Peak Resolution (Bits)
FW
Conversion
Time
Register
Conversion
Time
(µs)
Output Data
Rate
(Hz)
–3 dB
Frequency
(Hz)
±2.5 V
+2.5 V
±1.25 V
+1.25 V ±0.625 V +0.625 V
127
0xFF
2689
372
200
18.6
17.6
18.3
17.3
17.3
16.3
46
0xAE
1001
999
500
17.9
16.9
17.6
16.6
16.6
15.6
17
0x91
397
2519
1325
17.1
16.1
16.9
15.9
15.9
14.9
10
0x8A
251
3982
2209
16.2
15.2
16.2
15.2
15.2
14.2
9
0x89
230
4342
2450
16.0
15.0
15.8
14.8
14.8
13.8
2
0x82
84
11838
9500
10.7
9.7
9.7
8.7
8.7
7.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com