Electronic Components Datasheet Search
  English  ▼

X  

AD7739 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7739
Description  8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7739 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7739 Datasheet HTML 24Page - Analog Devices AD7739 Datasheet HTML 25Page - Analog Devices AD7739 Datasheet HTML 26Page - Analog Devices AD7739 Datasheet HTML 27Page - Analog Devices AD7739 Datasheet HTML 28Page - Analog Devices AD7739 Datasheet HTML 29Page - Analog Devices AD7739 Datasheet HTML 30Page - Analog Devices AD7739 Datasheet HTML 31Page - Analog Devices AD7739 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD7739
Rev. 0 | Page 29 of 32
ANALOG INPUT’S EXTENDED VOLTAGE RANGE
The AD7739 output data code span corresponds to the nominal
input voltage range. The ADC is functional outside the nominal
input voltage range, but the performance might degrade. The
sigma-delta modulator was designed to fully cover 16% analog
input overrange; outside this range, the performance might
degrade more rapidly.
When the CLAMP bit in the mode register is set to 1, the
channel data register will be digitally clamped to either all 0s or
all 1s when the analog input voltage goes outside the nominal
input voltage range.
As shown in Table 14 and Table 15, when CLAMP = 0, the data
reflects the analog input voltage outside the nominal voltage
range. In this case, the SIGN and OVR bits in the channel status
register should be considered along with the data register value
to decode the actual conversion result.
Note that the OVR bit in the channel status register is generated
digitally from the conversion result and indicates the sigma-
delta modulator (nominal) overrange. The OVR bit DOES NOT
indicate exceeding the AIN pin’s absolute voltage limits.
Table 14. Extended Input Voltage Range,
Nominal Voltage Range ±1.25 V, 16 Bits, CLAMP = 0
Input (V)
Data (hex)
SIGN
OVR
+1.45000
0x147B
0
1
+1.25008
0x0001
0
1
+1.25004
0x0000
0
1
+1.25000
0xFFFF
0
0
+0.00004
0x8001
0
0
0.00000
0x8000
0
0
–0.00004
0x7FFF
1
0
–1.25000
0x0000
1
0
–1.25004
0xFFFF
1
1
–1.25008
0xFFFE
1
1
–1.45000
0xEB85
1
1
Table 15. Extended Input Voltage Range,
Nominal Voltage Range +1.25 V, 16 Bits, CLAMP = 0
Input (V)
Data (hex)
SIGN
OVR
+1.45000
0x28F5
0
1
+1.25004
0x0001
0
1
+1.25002
0x0000
0
1
+1.25000
0xFFFF
0
0
+0.00002
0x0001
0
0
+0.00000
0x0000
0
0
–0.00002
0x0000
1
1
VOLTAGE REFERENCE INPUTS
The AD7739 has a differential reference input, REF IN(+) and
REF IN(–). The common-mode range for these inputs is from
AGND to AVDD. The nominal differential reference voltage for
specified operation is 2.5 V. Both reference inputs feature
dynamic load. Therefore, the reference inputs should be
connected to a low impedance reference voltage source.
External resistance/capacitance combinations may result in gain
errors on the part.
The output noise performance outlined in Table 4 through
Table 9 is for an analog input of 0 V and is unaffected by noise
on the reference. Obtaining the same noise performance as
shown in the noise tables over the full input range requires a
low noise reference source for the AD7739. If the reference
noise in the bandwidth of interest is excessive, it will degrade
the performance of the AD7739.
Recommended reference voltage sources for the AD7739
include the ADR421, AD780, REF43, and REF192.
REFERENCE DETECT
The AD7739 includes on-chip circuitry to detect if the part has
a valid reference for conversions. If the voltage between the
REFIN(+) and REFIN(–) pins goes below the NOREF trigger
voltage (0.5 V typ.) and the AD7739 is performing a conversion,
the NOREF bit in the channel status register is set.
I/O PORT
The AD7739 P0 pin can be used as a general-purpose digital
output or as a common analog input.
The P1 pin (SYNC/P1) can be used as a general-purpose digital
I/O pin or to synchronize the AD7739 with other devices in the
system. When the SYNC bit in the I/O port register is set and
the SYNC pin is low, the AD7739 does not process any
conversion. If it is put into single conversion mode, continuous
conversion mode, or any calibration mode, the AD7739 waits
until the SYNC pin goes high and then starts operation. This
allows conversion to start from a known point in time, i.e., the
rising edge of the SYNC pin. When configured as input, the
SYNC pin should be tied high or low.
The digital P0 and P1 voltage is referenced to the analog
supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com