Electronic Components Datasheet Search
  English  ▼

X  

AD7739 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7739
Description  8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7739 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7739 Datasheet HTML 7Page - Analog Devices AD7739 Datasheet HTML 8Page - Analog Devices AD7739 Datasheet HTML 9Page - Analog Devices AD7739 Datasheet HTML 10Page - Analog Devices AD7739 Datasheet HTML 11Page - Analog Devices AD7739 Datasheet HTML 12Page - Analog Devices AD7739 Datasheet HTML 13Page - Analog Devices AD7739 Datasheet HTML 14Page - Analog Devices AD7739 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7739
Rev. 0 | Page 11 of 32
CHOPPING DISABLED
The second mode, in which the AD7739 is configured with
chopping disabled (CHOP = 0), provides faster conversion time
while maintaining high resolution. Table 7 to Table 9 show the
–3 dB frequencies and typical performance versus the channel
conversion time and equivalent output data rate, respectively.
Table 7 shows the typical output rms noise. Table 8 shows the
typical effective resolution based on the rms noise.
Table 9 shows the typical output peak-to-peak resolution,
representing values for which there will be no code flicker
within a 6-sigma limit. The peak-to-peak resolutions are not
calculated based on rms noise but on peak-to-peak noise.
These typical numbers are generated from 4096 data samples
acquired in continuous conversion mode with an analog input
voltage set to 0 V and MCLK = 6.144 MHz. The conversion
time is selected via the channel conversion time register.
Table 7. Typical Output RMS Noise in µV vs. Conversion Time and Input Range with Chopping Disabled
Input Range / RMS Noise (µV)
FW
Conversion
Time
Register
Conversion
Time
(µs)
Output Data
Rate
(Hz)
–3 dB
Frequency
(Hz)
±2.5 V, +2.5 V
±1.25 V, +1.25 V, ±0.625 V, +0.625 V
127
0x7F
1358
737
675
2.4
1.5
92
0x5C
993
1007
950
3.0
1.8
35
0x23
399
2504
2500
4.5
2.7
16
0x10
201
4963
5400
6.9
4.1
12
0x0C
160
6257
7250
9.6
5.3
11
0x0B
149
6693
7900
11.4
6.9
3
0x03
66
15133
29000
200
90
Table 8. Typical Effective Resolution in Bits vs. Conversion Time and Input Range with Chopping Disabled
Input Range / Effective Resolution (Bits)
FW
Conversion
Time
Register
Conversion
Time
(µs)
Output Data
Rate
(Hz)
–3 dB
Frequency
(Hz)
±2.5 V
+2.5 V
±1.25 V
+1.25 V ±0.625 V +0.625 V
127
0x7F
1358
737
675
21.0
20.0
20.6
19.6
19.6
18.6
92
0x5C
993
1007
950
20.7
19.7
20.4
19.4
19.4
18.4
35
0x23
399
2504
2500
20.1
19.1
19.8
18.8
18.8
17.8
16
0x10
201
4963
5400
19.4
18.4
19.2
18.2
18.2
17.2
12
0x0C
160
6257
7250
18.9
17.9
18.8
17.8
17.8
16.8
11
0x0B
149
6693
7900
18.8
17.8
18.5
17.5
17.5
16.5
3
0x03
66
15133
29000
14.6
13.6
14.7
13.7
13.7
12.7
Table 9. Typical Peak-to-Peak Resolution in Bits vs. Conversion Time and Input Range with Chopping Disabled
Input Range / Peak-to-Peak Resolution (Bits)
FW
Conversion
Time
Register
Conversion
Time
(µs)
Output Data
Rate
(Hz)
–3 dB
Frequency
(Hz)
±2.5 V
+2.5 V
±1.25 V
+1.25 V ±0.625 V +0.625 V
127
0x7F
1358
737
675
18.2
17.2
17.8
16.8
16.8
15.8
92
0x5C
993
1007
950
17.8
16.8
17.6
16.6
16.6
15.6
35
0x23
399
2504
2500
17.2
16.2
17.0
16.0
16.0
15.0
16
0x10
201
4963
5400
16.6
15.6
16.4
15.4
15.4
14.4
12
0x0C
160
6257
7250
16.1
15.1
16.0
15.0
15.0
14.0
11
0x0B
149
6693
7900
16.0
15.0
15.7
14.7
14.7
13.7
3
0x03
66
15133
29000
11.7
10.7
12.0
11.0
11.0
10.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com