Electronic Components Datasheet Search
  English  ▼

X  

AD7739 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7739
Description  8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7739 Datasheet(HTML) 3 Page - Analog Devices

  AD7739 Datasheet HTML 1Page - Analog Devices AD7739 Datasheet HTML 2Page - Analog Devices AD7739 Datasheet HTML 3Page - Analog Devices AD7739 Datasheet HTML 4Page - Analog Devices AD7739 Datasheet HTML 5Page - Analog Devices AD7739 Datasheet HTML 6Page - Analog Devices AD7739 Datasheet HTML 7Page - Analog Devices AD7739 Datasheet HTML 8Page - Analog Devices AD7739 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD7739
Rev. 0 | Page 3 of 32
AD7739—SPECIFICATIONS
Table 1. (–40°C to +105°C; AVDD = 5 V ± 5%; DVDD = 2.7 V to 3.6 V, or 5 V ± 5%; REFIN(+) = 2.5 V; REFIN(–) = 0 V,
AINCOM = 2.5 V; Internal Buffer On, AIN Range = ±1.25 V; fMCLKIN = 6.144 MHz; unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC PERFORMANCE
CHOPPING ENABLED
Conversion Time Rate
372
11840
Hz
Configure via Conv. Time Register
No Missing Codes1, 2
24
Bits
FW
≥ 12 (Conversion Time ≥ 290 µs)
Output Noise
See Table 4
Resolution
See Table 5
and Table 6
Integral Nonlinearity (INL)2
±5
±0.0015
% of FSR
Offset Error (Unipolar, Bipolar)3
±10
µV
Before Calibration
Offset Drift vs. Temperature1
±25
nV/°C
Gain Error3
±0.2
%
Before Calibration
Gain Drift vs. Temperature1
±2.5
ppm of FS/°C
Positive Full-Scale Error3
±0.2
% of FSR
Before Calibration
Positive Full-Scale Drift vs. Temp.1
±2.5
ppm of FS/°C
Bipolar Negative Full-Scale Error4
±0.0030
% of FSR
After Calibration
Common-Mode Rejection
80
95
dB
At DC, AIN = 1 V
Power Supply Rejection
70
80
dB
At DC, AIN = 1 V
ADC PERFORMANCE
CHOPPING DISABLED
Conversion Time Rate
737
15133
Hz
Configure via Conv. Time Register
No Missing Codes1, 2
24
Bits
FW
≥ 12 (Conversion Time ≥ 290 µs)
Output Noise
See Table 7
Resolution
See Table 8
and Table 9
Integral Nonlinearity (INL)2
±0.0015
% of FSR
Offset Error (Unipolar, Bipolar)5
±1mV
mV
Before Calibration
Offset Drift vs. Temperature
±1.5
µV/°C
Gain Error3
±0.2
%
Before Calibration
Gain Drift vs. Temperature
±2.5
ppm of FS/°C
Positive Full-Scale Error3
±0.2
% of FSR
Before Calibration
Positive Full-Scale Drift vs. Temp.
±2.5
ppm of FS/°C
Bipolar Negative Full-Scale Error4
±0.0030
% of FSR
After Calibration
Common-Mode Rejection
75
dB
At DC, AIN = 1 V
Power Supply Rejection
65
dB
At DC, AIN = 1 V
ANALOG INPUTS
Analog Input Voltage1, 6
±2.5 V Range
±2.5
V
+2.5 V Range
0 to +2.5
V
±1.25 V Range
±1.25
V
+1.25 V Range
0 to +1.25
V
±0.625 V Range
±0.625
V
+0.625 V Range
0 to +0.625
V
AIN, AINCOM Common-Mode/
Absolute Voltage1
0.2
AVDD – 0.3
V
Analog Input Slew Rate1, 7
0.5
V/Conv. Time
AIN Absolute Voltage > 3 V
AIN, AINCOM Input Current1, 8
1
5
nA
Only One Channel, Chop Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com